Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6345C Datasheet(PDF) 12 Page - NEC

Part # UPD6345C
Description  8 BIT SERIAL IN/PARALLEL OUT DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6345C Datasheet(HTML) 12 Page - NEC

Back Button UPD6345C Datasheet HTML 8Page - NEC UPD6345C Datasheet HTML 9Page - NEC UPD6345C Datasheet HTML 10Page - NEC UPD6345C Datasheet HTML 11Page - NEC UPD6345C Datasheet HTML 12Page - NEC UPD6345C Datasheet HTML 13Page - NEC UPD6345C Datasheet HTML 14Page - NEC UPD6345C Datasheet HTML 15Page - NEC UPD6345C Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
µPD6345
12
APPLICATION CIRCUIT
(1)
Driving of Solenoid
(2)
Driving of Solenoid for High Current
to 40 V
+5 V
EN
LAT
SIN
SCK
RES
EN
LAT
SO
SCK
RES
VDD
VDD
O1
O2
O8
1 chip
CPU
VSS
VSS
µPD6345
Solenoid
(to 60 mA)
VCC
VDD
to 40 V
+5 V
VCC
VDD
Solenoid
(a few Ampere)
R
Tr
Tr
R
R
Tr
EN
LAT
SIN
SCK
RES
VDD
O1
O2
O8
VSS
µPD6345
1 chip
CPU
VDD
VSS
EN
LAT
SO
SCK
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com