Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6376 Datasheet(PDF) 13 Page - NEC

Part # UPD6376
Description  AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6376 Datasheet(HTML) 13 Page - NEC

Back Button UPD6376 Datasheet HTML 9Page - NEC UPD6376 Datasheet HTML 10Page - NEC UPD6376 Datasheet HTML 11Page - NEC UPD6376 Datasheet HTML 12Page - NEC UPD6376 Datasheet HTML 13Page - NEC UPD6376 Datasheet HTML 14Page - NEC UPD6376 Datasheet HTML 15Page - NEC UPD6376 Datasheet HTML 16Page - NEC UPD6376 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
µPD6376
13
5. APPLICATION CIRCUIT EXAMPLE
(1) fS to 4 fS mode (L/R data serial input mode)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
12
3
45
6
78
16 15 14 13 12 11 10
9
384 fS
LRCK
SI
CLK
+5 V
+5 V
+5 V
+5 V
+5 V
+5 V
+10 V
+10 V
OP Amp.
OP Amp.
Note
+5 V
+
+
+
+
+
–
+
–
+
0.1 F
µ
µ
0.1 F
47 F
µµ
µ
µ
µ
47 F
10 F
1/2
2/2
22 F
µ
22 F
L-ch
OUT
R-ch
OUT
100 k
Ω
100 k
Ω
100 k
Ω
100 k
Ω
5.6 k
Ω 5.6 kΩ
5.6 k
Ω 5.6 kΩ
5.6 k
Ω
5.6 k
Ω
5.6 k
Ω
5.6 k
Ω
+
10 F
1000 pF
1000 pF
1000 pF
1000 pF
NPC
SM5807
PD6376GS
µ
Note Assuming secondary active LPF (Gain: K = 2, quality factor: Q = 1, cutoff frequency: fC
.
=. 30 kHz)
oversampling, the attenuation characteristics are moderate. If oversampling is not performed, use
a high-order filter.
Remark Operational amplifier (OP Amp.):
µPC4558
(2) 8 fS mode (L/R data parallel input mode)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
384 fS
LRCK
SI
CLK
+5 V
+5 V
+5 V
+5 V
+10 V
+10 V
Note
+5 V
+5 V
+
+
+
+
+
–
+
–
+
0.1 F
µ
0.1 F
47 F 47 F
µ
µ
µ
µ
µ
10 F
22 F
µ
22 F
µ
L-ch
OUT
R-ch
OUT
100 k
Ω
100 k
Ω
100 k
Ω
100 k
Ω
5.6 k
Ω 5.6 kΩ
5.6 k
Ω 5.6 kΩ
5.6 k
Ω
5.6 k
Ω
5.6 k
Ω
5.6 k
Ω
+
10 F
1000 pF
1000 pF
1000 pF
1000 pF
NPC
SM5813
9
16 15 14 13 12 11 10
1
23456
7
8
PD6376GS
µ
OP Amp.
1/2
OP Amp.
2/2
Note Secondary active LPF (K = 2, Q = 1, fC
.
=. 30 kHz)
Remark Operational amplifier (OP Amp.):
µPC4558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com