Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1713 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1713
Description  SMBus SLAVE DRIVER FOR ST7 I2C PERIPHERAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1713 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1713 Datasheet HTML 1Page - STMicroelectronics AN1713 Datasheet HTML 2Page - STMicroelectronics AN1713 Datasheet HTML 3Page - STMicroelectronics AN1713 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
SMBus SLAVE DRIVER FOR ST7 I2C PERIPHERAL
Figure 1. Data transfer format
SMBDAT: SMBus data line
SMBCLK: SMBus clock line
2.2 Differences between SMBus and I2C
The following table describes the differences between SMBus and I2C.
Table 1. SMBus vs I2C
2.3 SMBus Application
With System Management Bus, a device can provide manufacturer information, tell the
system what its model/part number is, save its state for a suspend event, report different types
of errors, accept control parameters, and return its status. SMBus provides a control bus for
system and power management related tasks.
SMBus
ST7 I2C
Max. speed 100 kHz
Max. speed 400 kHz
Min. clock speed 10 kHz
No minimum clock speed
35ms clock low time-out
No time-out
Logic levels are fixed
Logic levels are VDD dependent
Different address types (reserved, dynamic
etc.)
7-bit, 10-bit and general call slave address
types
Different bus protocols (quick command, proc-
ess call etc.)
No bus protocols
Packet error checking (PEC) implemented
No packet error checking. Only error status
indication
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com