Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1796 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN1796
Description  FIELD UPDATES FOR FLASH BASED ST7 APPLICATIONS USING A PC COMM PORT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1796 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN1796 Datasheet HTML 9Page - STMicroelectronics AN1796 Datasheet HTML 10Page - STMicroelectronics AN1796 Datasheet HTML 11Page - STMicroelectronics AN1796 Datasheet HTML 12Page - STMicroelectronics AN1796 Datasheet HTML 13Page - STMicroelectronics AN1796 Datasheet HTML 14Page - STMicroelectronics AN1796 Datasheet HTML 15Page - STMicroelectronics AN1796 Datasheet HTML 16Page - STMicroelectronics AN1796 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16/17
FIELD UPDATES FOR FLASH BASED ST7 APPLICATIONS USING A PC COMM PORT
7 APPENDEX3: S-RECORDS FORMAT DESCRIPTION
Data Record: 'Stnnaaaadddddddddddddddddddddddddddddddd...cc<cr><lf>'
Field Contents:
S -----ASCII 'S' indicates start of record.
t ------Record type, '1','2','3'=data, '9'=end of file
nn ----Number of bytes in record (including address and checksum). (in ASCII/HEX)
aaaa --Load address of data record. (in ASCII/HEX)
dd ----Actual data bytes in record (two ASCII characters per data byte). (in ASCII/
HEX)
cc ----Checksum of count, address, and data. (in ASCII/HEX)
<cr> -ASCII carriage return character. (0D hex, 13 decimal)
<lf> -ASCII line feed character. (0A hex, 10 decimal)
Note 1: The checksum is computed as the one's complement of the eight bit sum of all values
from 'nn' to the end of data (last 'dd' byte).
Note 2: Count 'nn' is three greater then the number of data bytes in the record, since two
bytes of address and one byte of checksum are included in the count.
Note 3: The end of file record (S9) contains a count of 3 and address of 0000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com