Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1809 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1809
Description  STR71x ADC DRIVING AN ANALOG KEYBOARD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1809 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1809 Datasheet HTML 1Page - STMicroelectronics AN1809 Datasheet HTML 2Page - STMicroelectronics AN1809 Datasheet HTML 3Page - STMicroelectronics AN1809 Datasheet HTML 4Page - STMicroelectronics AN1809 Datasheet HTML 5Page - STMicroelectronics AN1809 Datasheet HTML 6Page - STMicroelectronics AN1809 Datasheet HTML 7Page - STMicroelectronics AN1809 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2/8
STR71x ADC Driving an Analog Keyboard
1 HARDWARE CONFIGURATION
To reach the goal of this application note we need to connect an analog keyboard to one of the
analog inputs of the STR71x ADC.
When a key is pressed, the voltage at the ADC input is given by the activated voltage divider.
This analog voltage is converted by the ADC and the digital value is used to determine which
switch is closed.
Figure 1. STR71x ADC and analog keyboard configuration
1.1 STR71X ADC
The STR71x Analog to Digital converter is a 12-bit Sigma-Delta converter with an input range
between 0 and 2.5V. It has up to 4 multiplexed analog input channels.
It offers two conversion modes:
■
Round-robin: this repeats the conversion process for each of the four channels
continuously in turn.
■
Single channel: this converts only the selected analog input.
Enabling or disabling the converter is done by setting or clearing the ADC_EN bit in the
PCU_BOOTCR register.
The STR71x ADC provides four 16-bit data registers to store the conversion result for each
channel. The availability of the conversion result in the data register is shown by the four
DA[3:0] flags in the Control/ Status Register (ADC_CSR).
An interrupt is generated depending on the conversion mode, to confirm the end of conver-
sion. In Single channel mode, an interrupt is generated if the interrupt bit and Data Available
flag in the ADC_CSR are set, corresponding to the selected channel. In Round robin mode, an
STR71x
V3.3
ADC
AINx
AVss
AVdd
Vss
R0
R1
R13
R14
Rup
key0
key1
key14
key15
Vdd
Vss
Keyboard
2.5v
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com