Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1827 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1827
Description  IMPLEMENTATION OF SIGMA-DELTA ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1827 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1827 Datasheet HTML 1Page - STMicroelectronics AN1827 Datasheet HTML 2Page - STMicroelectronics AN1827 Datasheet HTML 3Page - STMicroelectronics AN1827 Datasheet HTML 4Page - STMicroelectronics AN1827 Datasheet HTML 5Page - STMicroelectronics AN1827 Datasheet HTML 6Page - STMicroelectronics AN1827 Datasheet HTML 7Page - STMicroelectronics AN1827 Datasheet HTML 8Page - STMicroelectronics AN1827 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
IMPLEMENTATION OF SIGMA-DELTA ADC WITH ST7FLITE05/09
1 SIGMA-DELTA CONVERTER THEORY
The basic Sigma-Delta converter (Figure 1) is built of 2 basic circuits: a modulator and a digital
filter. In the modulator the input signal is summarised with the signal of negative feedback from
the D/A converter. The signal’s difference, after passing through the integrating circuit,
reaches the input of the comparator, where it is compared to the reference voltage (the com-
parator works as a 1-bit quantizator). The input signal from the comparator controls the 1-bit
converter and reaches the input of the digital filter, which decreases flowability and transforms
the 1-bit stream into 10-bit words.
Figure 1. Sigma-Delta Conversion
Figure 2 shows the general scheme of the microcontroller implementation. Within the system
the function of an integrator is fulfilled by the Ci capacitor, and the range of converted voltages
depends on the resistance ratio R1 and R2. The principle of operation is as follows: from the
moment of setting the high status on the output, the voltage on the Ci capacitor and simulta-
neously on the input of the comparator begins to rise. As soon as the reference voltage is
reached the output status is altered and the voltage decreases. After falling below the refer-
ence voltage the output status is altered to the high one and the cycle repeats. Provision of the
state of balance and the correct conversion of signal into its digital form is realised by a pro-
gram-operated feedback loop and digital filter.
DIGITAL
FILTER
VREF
1 BIT DAC
+
+
-
-
∫
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com