Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1947 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1947
Description  ST7MC PMAC SINE WAVE MOTOR CONTROL SOFTWARE LIBRARY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1947 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1947 Datasheet HTML 17Page - STMicroelectronics AN1947 Datasheet HTML 18Page - STMicroelectronics AN1947 Datasheet HTML 19Page - STMicroelectronics AN1947 Datasheet HTML 20Page - STMicroelectronics AN1947 Datasheet HTML 21Page - STMicroelectronics AN1947 Datasheet HTML 22Page - STMicroelectronics AN1947 Datasheet HTML 23Page - STMicroelectronics AN1947 Datasheet HTML 24Page - STMicroelectronics AN1947 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21/36
ST7MC PMAC SINE WAVE MOTOR CONTROL SOFTWARE LIBRARY
Figure 10. Phase Angle versus frequency curve
#define PHI_MIN
(u8) 140
#define PHI_MAX
(u8) 160
#define PHI_LOWFREQ
(u16) 500// 50 Hz
#define PHI_HIGHFREQ (u16) 2500// 250 Hz
– PHASE_ANGLE_RV3: This define configures the Phase angle to be set using RV3 potenti-
ometer.
#define PHASE_ANGLE_RV3 /* If defined the Phase angle is read by RV3 */
– V_MAX, V_MIN, VF_LOWFREQ_LIMIT, VF_HIGHFREQ_LIMIT: These defines set the V/F
curve. See Figure 11. V/F curve definition. The V/F curve is used to limit the maximum stator
voltage applied to the value below that curve. This curve fixes a maximum stator voltage val-
ue in relation to the actual stator frequency.
PHI_MIN
PHI_MAX
PHI_LOWFREQ
PHI_HIGHFREQ
Phase Angle
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com