Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2077 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2077
Description  EEPROM Emulation with STR71x
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2077 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2077 Datasheet HTML 9Page - STMicroelectronics AN2077 Datasheet HTML 10Page - STMicroelectronics AN2077 Datasheet HTML 11Page - STMicroelectronics AN2077 Datasheet HTML 12Page - STMicroelectronics AN2077 Datasheet HTML 13Page - STMicroelectronics AN2077 Datasheet HTML 14Page - STMicroelectronics AN2077 Datasheet HTML 15Page - STMicroelectronics AN2077 Datasheet HTML 16Page - STMicroelectronics AN2077 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
EEPROM Emulation with STR71x
Figure 2. Software example concept
In this example a sector is erased only when it is full and the last word on each sector indicates
the status of the corresponding sector:
– 0x600D (Good) indicates a valid sector,
– 0xFFFF (Default value after an erase operation) indicates an invalid sector.
This software implements also a status bit for each Data-set. When a new Data-set is written
to the Data-set area, the software will reset the corresponding bit in the status bits area.
Figure 2. shows an example of a mechanism for setting the status bits in the status bit area.
This figure shows that Data-Set-3 is the valid one because there is three ‘0’s in the status bit
area.
Note: This mechanism takes into account the case when the Data-Set value is 0xFFFFFFFF which is the
default value after an erase operation.
4.2 SOFTWARE OUTPUT FUNCTIONS
There are three output functions in the software as described below.
0xFFFFFFFF
0xFFFFFFFF
0
0
0
Data-set-1
0xFFFFFFFF
STR71x Flash Sector 0
STR71x Flash Sector1
Switch between each sector
(Erase one when full)
Area for Status bits
Area for Data-set storage
valid Flash sector
1
1
1
1
1
1
1
1
1
1
1
1
1
The last “0” corresponds
to the valid Data-set
Data-set-2
Data-set-3
Status bits for
0x600D: Valid sector
0xFFFF: Invalid sector
0xFFFFFFFF
0xFFFFFFFF
0x600D
0xFFFF
0xFFFFFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com