Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2100 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2100
Description  STR71x microcontroller power management
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2100 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2100 Datasheet HTML 9Page - STMicroelectronics AN2100 Datasheet HTML 10Page - STMicroelectronics AN2100 Datasheet HTML 11Page - STMicroelectronics AN2100 Datasheet HTML 12Page - STMicroelectronics AN2100 Datasheet HTML 13Page - STMicroelectronics AN2100 Datasheet HTML 14Page - STMicroelectronics AN2100 Datasheet HTML 15Page - STMicroelectronics AN2100 Datasheet HTML 16Page - STMicroelectronics AN2100 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN2100
STR71x low power modes
13/23
4.2.2
WAIT For Interrupt mode (WFI)
To enter WFI mode, you must write a ‘0’ in the WFI bit of the RCCU_SMR register.
To wakeup from WFI mode an interrupt request must be acknowledged by the EIC.
4.2.3
Low Power WAIT For Interrupt mode (LPWFI)
To enter LPWFI mode you have to:
1.
Select the clock to be used by peripherals during LPWFI: CLK2/16 or CK_AF
(WFI_CKSEL bit of the RCCU_CCR register)
2.
Select LPWFI mode by setting the LPOWFI bit in the RCCU_CCR register.
3.
Write 0 in the WFI bit of the RCCU_SMR register to enter LPWFI mode
Like WFI mode, to wakeup from LPWFI mode an interrupt request must be acknowledged
by the EIC.
To further reduce MCU power consumption in LPWFI mode you can:
●
Stop the Main voltage regulator (MVR) by setting bit LPVRWFI in the PCU_PWRCR
register.
●
Put the FLASH in power-down mode by setting bit PWD in the FLASH_CR0 register
(refer to the STR7 Flash programming reference manual)
●
When selecting the CK_AF(32 kHz) as system clock, you can reduce power
consumption by stopping the external oscillator during LPWFI using a GPIO pin.
Note:
1
After exit from LPWFI mode, the Flash and the main voltage regulator are re-enabled
automatically if they were switched off during the low power mode.
2
After wakeup from LPWFI mode, if the clock selected during LPWFI mode is CK2_16, the
system clock (RCLK) switches automatically to CK2.
After wakeup from LPWFI mode, if the clock selected during LPWFI mode is CK_AF, this
clock remains the system clock (RCLK).
3
Refer to Figure 4 and Figure 5 for examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com