Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2141 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2141
Description  LED array reference design board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2141 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2141 Datasheet HTML 9Page - STMicroelectronics AN2141 Datasheet HTML 10Page - STMicroelectronics AN2141 Datasheet HTML 11Page - STMicroelectronics AN2141 Datasheet HTML 12Page - STMicroelectronics AN2141 Datasheet HTML 13Page - STMicroelectronics AN2141 Datasheet HTML 14Page - STMicroelectronics AN2141 Datasheet HTML 15Page - STMicroelectronics AN2141 Datasheet HTML 16Page - STMicroelectronics AN2141 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN2141
LED array reference designs
13/18
5.2
32 LED array reference design
The 32 LED array reference design board is shown in Figure 8 and its block schematic
description corresponds to Section 1: Block diagram. All components are placed on the top
side of the board. This board includes an SMPS DC-DC converter using the L5970D step-
down switching regulator for input voltages from 5 V to 35 V. The order code for this
reference design board is STEVAL-ILL003V2.
Figure 8.
32 LED array reference design board
5.2.1
Application schematic
The detailed application schematic of this design is shown in Figure 9. Two LED drivers
(STP16CP05 and STP16CPS05) with 16 outputs each are controlled by one ST7Lite09
microcontroller. Resistors R1 and R2 (one for each driver) set the constant current for all
outputs. Their value is 1.2 k
Ωand they set the constant sink current to 16 mA for each output
(for more information, please refer to the STP16CP05 and STP16CPS05 datasheets). Six
blinking modes are programmed in this application. The first switches the entire display
ON/OFF. The second is a "harmonic" lighting effect, as the light is moved from the margin to
the center of the display and back. During the third mode the numbers from one to nine are
moved on the display. The fourth and fifth modes are implemented to show differences
between the STP16CP05 and the STP16CPS05 LED drivers (as described below). Since
the constant current LED drivers are used in this design, the brightness for each LED must
be the same. Therefore, during the sixth mode, all LEDs are simply turned ON for LED
brightness checking. All features and functions (communication, brightness regulation,
blinking speed regulation, etc.) are similar to the 80 LED array reference design board, with
exception of the addition of an SMPS DC-DC converter. Its output voltage is 4 V and its
maximum current is 1 A (L5970D device). For more details on this converter design, please
refer to the L5970D datasheet. The clock frequency in this application is 83.6 KHz and the
PWM signal for brightness regulation is 654 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com