Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G241 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74ALVC2G241
Description  Dual Bus Buffer Noninverted with 3-state Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G241 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74ALVC2G241_15 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G241_15 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G241_15 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G241_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G241_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G241_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G241_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G241_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G241_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev.2.00, Dec.18.2003, page 1 of 12
HD74ALVC2G241
Dual Bus Buffer Noninverted with 3-state Output
REJ03D0175–0200Z
(Previous ADE-205-573A (Z))
Rev.2.00
Dec.18.2003
Description
The HD74ALVC2G241 has dual bus buffer noninverted with 3-state output in an 8 pin package. Two
noninverters are included in one circuit. Each circuit can be independently controlled by the enable signal
OE or OE, which enables outputs when receiving a low or high-level signal, respectively. To ensure the
high impedance state during power up or power down,
OE should be connected to V
CC through a pull-up
resistor; the minimum value of the resistor is determined by the current sinking capability of the driver.
Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook
computers), and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
Operating temperature range:
−40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
All outputs VO (Max.) = 3.6 V (@VCC = 0 V)
• Output current
±2 mA (@V
CC = 1.2 V)
±4 mA (@V
CC = 1.4 V to 1.6 V)
±6 mA (@V
CC = 1.65 V to 1.95 V)
±18 mA (@V
CC = 2.3 V to 2.7 V)
±24 mA (@V
CC = 3.0 V to 3.6 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC2G241USE
SSOP-8 pin
TTP-8DBV
US
E (3,000 pcs/reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com