Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D43256BGU Datasheet(PDF) 4 Page - NEC

Part # D43256BGU
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D43256BGU Datasheet(HTML) 4 Page - NEC

  D43256BGU Datasheet HTML 1Page - NEC D43256BGU Datasheet HTML 2Page - NEC D43256BGU Datasheet HTML 3Page - NEC D43256BGU Datasheet HTML 4Page - NEC D43256BGU Datasheet HTML 5Page - NEC D43256BGU Datasheet HTML 6Page - NEC D43256BGU Datasheet HTML 7Page - NEC D43256BGU Datasheet HTML 8Page - NEC D43256BGU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
µPD43256B
1
28-pin plastic TSOP (I) (8
× 13.4 mm)
(Normal bent)
PD43256BGW-9JL
µ
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
1
28-pin plastic TSOP (I) (8
× 13.4 mm)
(Reverse bent)
PD43256BGW-9KL
µ
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com