Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6325G Datasheet(PDF) 8 Page - NEC

Part # UPD6325G
Description  QUAD/OCTAL 6BIT D/A CONVERTER CMOS LSI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6325G Datasheet(HTML) 8 Page - NEC

Back Button UPD6325G Datasheet HTML 4Page - NEC UPD6325G Datasheet HTML 5Page - NEC UPD6325G Datasheet HTML 6Page - NEC UPD6325G Datasheet HTML 7Page - NEC UPD6325G Datasheet HTML 8Page - NEC UPD6325G Datasheet HTML 9Page - NEC UPD6325G Datasheet HTML 10Page - NEC UPD6325G Datasheet HTML 11Page - NEC UPD6325G Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
µPD6325, µPD6326, µPD6335, µPD6336
8
LINIARITY OF D/A OUTPUT (
µPD6335, 6336) (TYP.)
•TA = –40
°C
•TA = 25
°C
60
VDD = 5 V
40
20
0
1234
678
16
24
32
40
48
56
64
LSB
5
150
VDD = 10 V
100
50
0
1234
678
16
24
32
40
48
56
64
LSB
5
150
200
VDD = 15 V
100
50
0
1234
678
16
24
32
40
48
56
64
LSB
5
60
VDD = 5 V
40
20
0
1234
678
16
24
32
40
48
56
64
LSB
5
150
VDD = 10 V
100
50
0
1234
678
16
24
32
40
48
56
64
LSB
5
150
200
VDD = 15 V
100
50
0
1234
678
16
24
32
40
48
56
64
LSB
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com