Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3525-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3525-5
Description  400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3525-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC3525-5 Datasheet HTML 1Page - Linear Technology LTC3525-5 Datasheet HTML 2Page - Linear Technology LTC3525-5 Datasheet HTML 3Page - Linear Technology LTC3525-5 Datasheet HTML 4Page - Linear Technology LTC3525-5 Datasheet HTML 5Page - Linear Technology LTC3525-5 Datasheet HTML 6Page - Linear Technology LTC3525-5 Datasheet HTML 7Page - Linear Technology LTC3525-5 Datasheet HTML 8Page - Linear Technology LTC3525-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3525-3/
LTC3525-3.3/LTC3525-5
2
3525fc
For more information www.linear.com/LTC3525
VIN, VOUT Voltage........................................ –0.3V to 6V
SW Voltage ................................................. –0.3V to 6V
SW Voltage < 100ns.................................... –0.3V to 7V
SHDN Voltage ............................................. –0.3V to 6V
Operating Junction Temperature Range
(Notes 2, 5)............................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
pin conFiguraTion
absoluTe MaxiMuM raTings
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3525ESC6-3#PBF
LTC3525ESC6-3#TRPBF
LCDR
6-Lead Plastic SC70
–40°C to 85°C
LTC3525ISC6-3#PBF
LTC3525ISC6-3#TRPBF
LCDR
6-Lead Plastic SC70
–40°C to 125°C
LTC3525ESC6-3.3#PBF
LTC3525ESC6-3.3#TRPBF
LBTG
6-Lead Plastic SC70
–40°C to 85°C
LTC3525ISC6-3.3#PBF
LTC3525ISC6-3.3#TRPBF
LBTG
6-Lead Plastic SC70
–40°C to 125°C
LTC3525ESC6-5#PBF
LTC3525ESC6-5#TRPBF
LBWT
6-Lead Plastic SC70
–40°C to 85°C
LTC3525ISC6-5#PBF
LTC3525ISC6-5#TRPBF
LBWT
6-Lead Plastic SC70
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SHDN 1
GND 2
VIN 3
6 SW
5 GND
4 VOUT
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
TJMAX = 125°C
θJA = 256°C/W IN FREE AIR, θJA = 150°C/W ON BOARD OVER GROUND PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com