Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3531-3 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3531-3
Description  200mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531-3 Datasheet(HTML) 2 Page - Linear Technology

  LTC3531-3 Datasheet HTML 1Page - Linear Technology LTC3531-3 Datasheet HTML 2Page - Linear Technology LTC3531-3 Datasheet HTML 3Page - Linear Technology LTC3531-3 Datasheet HTML 4Page - Linear Technology LTC3531-3 Datasheet HTML 5Page - Linear Technology LTC3531-3 Datasheet HTML 6Page - Linear Technology LTC3531-3 Datasheet HTML 7Page - Linear Technology LTC3531-3 Datasheet HTML 8Page - Linear Technology LTC3531-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
2
3531fb
ABSOLUTE
AXI U
RATI GS
FOR ATIO
PACKAGE/ORDER I
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V VOUT = 3.3V unless otherwise noted.
VIN, VOUT, SW1, SW2, SHDN Voltage ...........–0.3 to 6V
SW1, SW2 Voltage, <100ns Pulse ..................–0.3 to 7V
Operating Temperature Range (Notes 2,3) –40°C to 85°C
(Note 1)
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (TS6, Soldering, 10 sec) .......... 300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Minimum Startup Voltage
1.65
1.8
V
VOUT Regulation
Output Voltage (3.3V Version)
No Load
3.25
3.32
3.39
V
Output Voltage (3V Version)
No Load
2.95
3.02
3.09
V
FB Voltage (Adj Version)
No Load
1.20
1.225
1.25
V
FB Input Current (Adj Version)
VFB = 1.225V
1
50
nA
Operating Current
Quiescent Current in Sleep:
VIN
VIN = 5V, VOUT = 3.6V, FB = 1.3V
16
30
μA
VOUT
VOUT = 3.6V
6
10
μA
Shutdown Current
VIN
SHDN = 0V, VOUT = 0V
1
μA
Switch Performance
NMOS Switch Leakage
Switches B and C
0.2
2
μA
PMOS Switch Leakage
Switches A and D
0.2
2
μA
NMOS B, C RDSON
VIN = 5V
0.5
Ω
PMOS A RDSON
VIN = 5V
0.5
Ω
6 SW1
5 VIN
4 SHDN
SW2 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
GND, PGND 2
VOUT 3
TJMAX = 125°C, θJA = 102°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
EXPOSED PAD IS GND (PIN 9), MUST BE SOLDERED TO PCB
*NC FOR LTC3531-3.3V, LTC3531-3.0V.
5
6
7
9
8
4
3
2
1
SW1
VIN
GND
SHDN
PGND
SW2
VOUT
FB*
ORDER PART NUMBER
S6 PART MARKING
ORDER PART NUMBER
DD PART MARKING
LTC3531ES6-3.3
LTC3531ES6-3
LTBWM
LTCBK
LTC3531EDD
LTC3531EDD-3.3
LTC3531EDD-3
LBVC
LBWH
LCBV
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 125°C, θJA = 43°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com