Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1RP0416DI Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1RP0416DI
Description  Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1RP0416DI Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1RP0416DI Datasheet HTML 5Page - Renesas Technology Corp R1RP0416DI Datasheet HTML 6Page - Renesas Technology Corp R1RP0416DI Datasheet HTML 7Page - Renesas Technology Corp R1RP0416DI Datasheet HTML 8Page - Renesas Technology Corp R1RP0416DI Datasheet HTML 9Page - Renesas Technology Corp R1RP0416DI Datasheet HTML 10Page - Renesas Technology Corp R1RP0416DI Datasheet HTML 11Page - Renesas Technology Corp R1RP0416DI Datasheet HTML 12Page - Renesas Technology Corp R1RP0416DI Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
R1RP0416DI Series
Rev.1.00, Mar.12.2004, page 7 of 12
Write Cycle
R1RP0416DI
-2
Parameter
Symbol
Min
Max
Unit
Notes
Write cycle time
t
WC
12
ns
Address valid to end of write
t
AW
8
ns
Chip select to end of write
t
CW
8
ns
8
Write pulse width
t
WP
8
ns
7
Byte select to end of write
t
BW
8
ns
Address setup time
t
AS
0
ns
5
Write recovery time
t
WR
0
ns
6
Data to write time overlap
t
DW
6
ns
Data hold from write time
t
DH
0
ns
Write disable to output in low-Z
t
OW
3
ns
1
Output disable to output in high-Z
t
OHZ
6
ns
1
Write enable to output in high-Z
t
WHZ
6
ns
1
Notes: 1. Transition is measured
±200 mV from steady voltage with output load (B). This parameter is
sampled and not 100% tested.
2. If the CS# or LB# or UB# low transition occurs simultaneously with the WE# low transition or
after the WE# transition, output remains a high impedance state.
3. WE# and/or CS# must be high during address transition time.
4. If CS#, OE#, LB# and UB# are low during this period, I/O pins are in the output state. Then the
data input signals of opposite phase to the outputs must not be applied to them.
5. t
AS is measured from the latest address transition to the latest of CS#, WE#, LB# or UB# going
low.
6. t
WR is measured from the earliest of CS#, WE#, LB# or UB# going high to the first address
transition.
7. A write occurs during the overlap of a low CS#, a low WE# and a low LB# or a low UB# (t
WP).
A
write begins at the latest transition among CS# going low, WE# going low and LB# going low or
UB# going low. A write ends at the earliest transition among CS# going high, WE# going high
and LB# going high or UB# going high.
8. t
CW is measured from the later of CS# going low to the end of write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com