Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4059 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4059
Description  900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4059 Datasheet(HTML) 2 Page - Linear Technology

  LTC4059 Datasheet HTML 1Page - Linear Technology LTC4059 Datasheet HTML 2Page - Linear Technology LTC4059 Datasheet HTML 3Page - Linear Technology LTC4059 Datasheet HTML 4Page - Linear Technology LTC4059 Datasheet HTML 5Page - Linear Technology LTC4059 Datasheet HTML 6Page - Linear Technology LTC4059 Datasheet HTML 7Page - Linear Technology LTC4059 Datasheet HTML 8Page - Linear Technology LTC4059 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4059/LTC4059A
2
4059fb
Input Supply Voltage (VCC) ...................... –0.3V to 10V
BAT, PROG, EN, Li CC, ACPR ................... –0.3V to 10V
BAT Short-Circuit Duration ........................... Continuous
BAT Pin Current ............................................... 1000mA
PROG Pin Current ............................................. 1000
µA
Junction Temperature .......................................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4059EDC
LTC4059AEDC
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
TJMAX = 125°C, θJA = 60°C/W TO 85°C/W (NOTE 3)
*Li CC PIN 2 ON LTC4059EDC,
ACPR PIN 2 ON LTC4059AEDC
EXPOSED PAD (PIN 7) IS GND
MUST BE SOLDERED TO PCB
TOP VIEW
7
DC6 PACKAGE
6-LEAD (2mm
× 2mm) PLASTIC DFN
4
5
6
3
2
1
GND
BAT
EN
PROG
VCC
Li CC/ACPR*
DC6 PART
MARKING
LAFU
LBJH
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Supply Voltage
●
3.75
8
V
ICC
Quiescent VCC Supply Current
VBAT = 4.5V (Forces IBAT and IPROG = 0)
●
25
60
µA
ICCMS
VCC Supply Current in Shutdown
VEN = VCC
●
10
25
µA
ICCUV
VCC Supply Current in Undervoltage
VCC < VBAT; VCC = 3.5V, VBAT = 4V
●
410
µA
Lockout
VFLOAT
VBAT Regulated Output Voltage
IBAT = 2mA
4.175
4.2
4.225
V
4.5V < VCC < 8V, IBAT = 2mA
●
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RPROG = 2.43k, Current Mode, VBAT = 3.8V
●
475
500
525
mA
RPROG = 12.1k, Current Mode, VBAT = 3.8V
●
94
100
106
mA
IBMS
Battery Drain Current in Shutdown
VEN = VCC, VCC > VBAT
●
0
±1
µA
IBUV
Battery Drain Current in Undervoltage
VCC < VBAT, VBAT = 4V
●
014
µA
Lockout
VUV
VCC – VBAT Undervoltage Lockout
VCC from Low to High, VBAT = 3.7V
●
100
150
200
mV
Threshold
VCC from High to Low, VBAT = 3.7V
●
035
80
mV
VPROG
PROG Pin Voltage
RPROG = 2.43k, IPROG = 500µA
●
1.18
1.21
1.24
V
RPROG = 12.1k, IPROG = 100µA
●
1.18
1.21
1.24
V
VMS
Manual Shutdown Threshold
VEN Increasing
●
0.3
0.92
1.2
V
VMSHYS
Manual Shutdown Hysteresis
VEN Decreasing
85
mV
REN
EN Pin Input Resistance
VEN = 5V
●
1
1.85
3
M
Ω
VLi CC
Voltage Mode Disable Threshold
VLi CC Increasing (LTC4059 Only)
●
0.3
0.92
1.2
V
VLi CCHYS Voltage Mode Disable Hysteresis
VLi CC Decreasing (LTC4059 Only)
85
mV
VACPR
ACPR Pin Output Low Voltage
IACPR = 300µA (LTC4059A Only)
0.25
0.5
V
tLIM
Junction Temperature In Constant
115
°C
Temperature Mode
RON
Power FET “ON” Resistance
IBAT = 150mA (Note 4)
800
1200
m
Ω
(Between VCC and BAT)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC4059E/LTC4059AE are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
60
°C/W.
Note 4: The FET on-resistance is guaranteed by correlation to wafer level
measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com