Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N052012 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N052012
Description  12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N052012 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N052012 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N052012 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12-Port 1U Rack-Mount Cat5e 110 Patch Panel,
568B, RJ45 Ethernet
MODEL NUMBER: N052-012
Description
Tripp Lite's Enhanced Category 5 Patch Panels offer you all the functionality and compatibility as any name brand. Each panel comes with 110-type
termination, while meeting and exceeding EIA/TIA TSB-40 Cat5e connecting hardware specifications. Color coded for both EIA/TIA 568A & 568B installations.
12 ports ensure a wide range of plug-n-play options. The clear numbering on both the front and back of each panel gives you a quick and easy way to identify
cable runs and the high density 19in panel design will save you valuable space in on the rack.
Features
Cat5e
UL approved
Ports clearly numbered both on front and back
Labels on front enable each port to be named
Color coded label on back offers both EIA/TIA 568A & 568B wiring
Metal frame
EIA/TIA 2/32 spacing
Rack mountable on a 19 rack (1U of space)
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
OVERVIEW
Cable Type
Cat5/5e
CONNECTIONS
Connector A
110-TYPE TERMINAL (X12)
Highlights
19 in. rackmount ready, 1U
Height ( 1.75" )
EIA/TIA 2/32 spacing
110 type punchdown termination
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Package Includes
Cat5e Patch Panel 568B-12 Port,
1U
1 / 2


Similar Part No. - N052012

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N052024 TRIPPLITE-N052024 Datasheet
478Kb / 2P
24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N052048 TRIPPLITE-N052048 Datasheet
493Kb / 2P
48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
More results

Similar Description - N052012

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N050012 TRIPPLITE-N050012 Datasheet
495Kb / 2P
12-Port Wall-Mount Cat5e Patch Panel, 568B, RJ45 Ethernet
N052024 TRIPPLITE-N052024 Datasheet
478Kb / 2P
24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N052048 TRIPPLITE-N052048 Datasheet
493Kb / 2P
48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N252012 TRIPPLITE-N252012 Datasheet
475Kb / 2P
12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N052-012 TRIPPLITE-N052-012 Datasheet
154Kb / 2P
12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052-024 TRIPPLITE-N052-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052-048 TRIPPLITE-N052-048 Datasheet
159Kb / 2P
48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N252-012 TRIPPLITE-N252-012 Datasheet
154Kb / 2P
12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet, TAA
N252-024 TRIPPLITE-N252-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com