Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4232
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 2 Page - Linear Technology

  LTC4232_15 Datasheet HTML 1Page - Linear Technology LTC4232_15 Datasheet HTML 2Page - Linear Technology LTC4232_15 Datasheet HTML 3Page - Linear Technology LTC4232_15 Datasheet HTML 4Page - Linear Technology LTC4232_15 Datasheet HTML 5Page - Linear Technology LTC4232_15 Datasheet HTML 6Page - Linear Technology LTC4232_15 Datasheet HTML 7Page - Linear Technology LTC4232_15 Datasheet HTML 8Page - Linear Technology LTC4232_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4232
2
4232fb
For more information www.linear.com/LTC4232
16
15
14
13
12
11
10
9
17
SENSE
1
2
3
4
5
6
7
8
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
VDD
ISET
IMON
FB
FLT
PG
GATE
OUT
VDD
UV
OV
TIMER
INTVCC
GND
OUT
OUT
TJMAX = 125°C, θJA = 46°C/W
EXPOSED PAD (PIN 17) IS SENSE,
θJA = 46°C/W SOLDERED, OTHERWISE θJA = 140°C/W
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD)................................. –0.3V to 28V
Input Voltages
FB, OV, UV ..............................................–0.3V to 12V
TIMER................................................... –0.3V to 3.5V
SENSE .............................VDD – 10V or – 0.3V to VDD
Output Voltages
ISET, IMON................................................. –0.3V to 3V
PG, FLT .................................................. –0.3V to 35V
OUT ............................................ –0.3V to VDD + 0.3V
INTVCC.................................................. –0.3V to 3.5V
GATE (Note 3)........................................ –0.3V to 33V
Operating Temperature Range
LTC4232C ................................................ 0°C to 70°C
LTC4232I .............................................–40°C to 85°C
Junction Temperature (Notes 4, 5)........................ 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
ELECTRICAL CHARACTERISTICS The
l
denotes those specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
VDD
Input Supply Range
l
2.9
15
V
IDD
Input Supply Current
MOSFET On, No Load
l
1.6
3
mA
VDD(UVL)
Input Supply Undervoltage Lockout
VDD Rising
l
2.63
2.73
2.85
V
IOUT
OUT Pin Leakage Current
VOUT = VGATE = 0V, VDD = 15V
VOUT = VGATE = 12V
l
l
1
0
2
±150
4
µA
µA
∆VGATE/∆t
GATE Pin Turn-On Ramp Rate
l
0.15
0.3
0.55
V/ms
RON
MOSFET + Sense Resistor On-Resistance
l
15
33
50
mΩ
ILIM(TH)
Current Limit Threshold
V = 1.23V, ISET Open
l
5.0
5.6
6.1
A
VFB = 0V, ISET Open
l
1.2
1.5
1.8
A
VFB = 1.23V, RSET = 20kΩ
l
2.6
2.9
3.3
A
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4232CDHC#PBF
LTC4232CDHC#TRPBF
4232
16-Lead (5mm × 3mm) Plastic DFN
0°C to 70°C
LTC4232IDHC#PBF
LTC4232IDHC#TRPBF
4232
16-Lead (5mm × 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com