Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4301 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4301
Description  Supply Independent Hot Swappable 2-Wire Bus Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4301 Datasheet HTML 2Page - Linear Technology LTC4301 Datasheet HTML 3Page - Linear Technology LTC4301 Datasheet HTML 4Page - Linear Technology LTC4301 Datasheet HTML 5Page - Linear Technology LTC4301 Datasheet HTML 6Page - Linear Technology LTC4301 Datasheet HTML 7Page - Linear Technology LTC4301 Datasheet HTML 8Page - Linear Technology LTC4301 Datasheet HTML 9Page - Linear Technology LTC4301 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC4301
4301fb
OPERATIO
There is a finite high to low propagation delay through the
connection circuitry for falling waveforms. Figure 2 shows
the falling edge waveforms for the same pull-up resistors
and equivalent capacitance conditions as used in Figure 1.
An external N-channel MOSFET device pulls down the
voltage on the side with 55pF capacitance; LTC4301 pulls
down the voltage on the opposite side with a delay of 60ns.
This delay is always positive and is a function of supply
voltage, temperature and the pull-up resistors and equiva-
lent bus capacitances on both sides of the bus. The Typical
Performance Characteristics section shows high to low
propagation delay as a function of temperature and volt-
age for 10k pull-up resistors pulled-up to VCC and 100pF
equivalent capacitance on both sides of the part. Larger
output capacitances translate to longer delays (up to
150ns). Users must quantify the difference in propagation
times for a rising edge versus a falling edge in their
systems and adjust setup and hold times accordingly.
Figure 2. Input-Output Connection
High to Low Propagation Delay
Ready Digital Output
This pin provides a digital flag which is low when either CS
is high or the start-up sequence described earlier in this
section has not been completed. READY goes high when
CS is low and start-up is complete. The pin is driven by an
open-drain pull-down capable of sinking 3mA while hold-
ing 0.4V on the pin. Connect a resistor of 10k to VCC to
provide the pull-up.
Connection Sense
When the CS pin is driven above 1.4V with respect to the
LTC4301’s ground, the backplane side is disconnected
from the card side and the READY pin is internally pulled
low. When the pin voltage is low, the part waits for data
transactions on both the backplane and card sides to be
complete (as described in the Start-Up section) before
reconnecting the two sides. At this time the internal
pulldown on READY releases.
4301 F02
INPUT
SIDE
55pF
OUTPUT
SIDE
20pF
1V/DIV
20ns/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com