Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR48SIDE Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR48SIDE
Description  48U SmartRack side panel with key locking latch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR48SIDE Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR48SIDE Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR48SIDE Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
48U SmartRack side panel with key locking latch
MODEL NUMBER: SR48SIDE
Description
The SmartRack SR48SIDE is an individual side panel for the standard depth SR48UB. The panel can be used as replacements for an expansion cabinet
(SR48UBEXP) where the needs have changed and a side panel is now wanted. SR48SIDE comes with a key locking latch.
Features
Individual side panel for the standard depth SR48UB
Can be used as replacements for an expansion cabinet (SR48UBEXP) where the needs have changed and a side panel is now wanted
Includes a key locking latch.
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
41.33 x 41.53 x 3.93
Shipping Dimensions (hwd / cm)
104.98 x 105.49 x 9.98
Shipping Weight (lbs.)
28.66
Shipping Weight (kg)
13.00
Color
Black
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
Highlights
Side panel with locking key
Use with standard depth 48UB
Use as a replacement or an
expansion cabinet
Package Includes
Contains one side panel with key
lock latch
1 / 2


Similar Part No. - SR48SIDE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR48SIDE4PHD TRIPPLITE-SR48SIDE4PHD Datasheet
152Kb / 2P
48U SmartRack Heavy-Duty Open Frame side panels with latches
More results

Similar Description - SR48SIDE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBDP TRIPPLITE-SR48UBDP Datasheet
520Kb / 3P
48U SmartRack DEEP Premium Enclosure includes doors and side panels
SR48UBDPWD TRIPPLITE-SR48UBDPWD Datasheet
521Kb / 3P
48U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR48UBEXP TRIPPLITE-SR48UBEXP Datasheet
481Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR48UBSP1 TRIPPLITE-SR48UBSP1 Datasheet
495Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR48UBWD TRIPPLITE-SR48UBWD Datasheet
531Kb / 4P
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42SIDE TRIPPLITE-SR42SIDE Datasheet
480Kb / 2P
SmartRack Side Panel with Key Locking Latch
SRVRTBAR48 TRIPPLITE-SRVRTBAR48 Datasheet
522Kb / 2P
SmartRack 48U Vertical Cable Management Bars
SR48SIDE4PHD TRIPPLITE-SR48SIDE4PHD Datasheet
152Kb / 2P
48U SmartRack Heavy-Duty Open Frame side panels with latches
SR42SIDEPT TRIPPLITE-SR42SIDEPT Datasheet
158Kb / 2P
SmartRack Side Panels includes key locking latch and cable pass-through slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com