Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRBOLTDOWN Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRBOLTDOWN
Description  SmartRack Bolt-Down Kit - Secures stabilizing brackets or plates to facility floor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRBOLTDOWN Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRBOLTDOWN Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRBOLTDOWN Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack Bolt-Down Kit - Secures stabilizing
brackets or plates to facility floor
MODEL NUMBER: SRBOLTDOWN
Description
Tripp Lite's SmartRack SRBOLTDOWN provides extreme stabilization and security for cabinets and racks. The bolt-down kit enables SmartRack to be
secured to a concrete floor. SRBOLTDOWN includes four concrete inserts, four bolts and four fender washers.
Technical Notes:
We recommend using a 1/2" concrete drill. Hole must be 4.5" to 4.75" deep. Mark the hole, drill the hole, then tap the anchor into the hole. Thread the bolt into
the anchor a few threads only. Tap the bolt with a hammer (with anchor attached) until it bottoms out in the hole, then tighten the bolt.
Features
Provides extreme stabilization and security for cabinets and racks
The bolt-down kit enables SmartRack to be secured to a concrete floor
Includes four concrete inserts, four bolts and four fender washers
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
1 x 4 x 4
Shipping Dimensions (hwd / cm)
2.54 x 10.16 x 10.16
Shipping Weight (lbs.)
.90
Shipping Weight (kg)
0.41
WARRANTY
Highlights
Bolt-down Kit for cabinets and
racks
Enables SmartRack to be
secured to concrete floor
Provides extreme stabilization
and security
Includes required nuts and bolts
Package Includes
Four concrete inserts, four bolts,
four fender washers
1 / 2


Similar Part No. - SRBOLTDOWN

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SRB MERITEK-SRB Datasheet
128Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
TE Connectivity Ltd
SRB TEC-SRB Datasheet
755Kb / 5P
Minimum Depth, Cost-effective Shielded Power Inlet Filter
logo
Sanyou Corporation Limi...
SRB SANYOU-SRB Datasheet
290Kb / 3P
Miniature Power Relay
logo
Apex Electronics Co., L...
SRB APEX-ELECTRONICS-SRB Datasheet
492Kb / 3P
Miniature rocker switches,IP67
logo
JST Mfg. Co., Ltd.
SRB JST-SRB Datasheet
206Kb / 1P
CHAIN TERMINAL
More results

Similar Description - SRBOLTDOWN

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBKD TRIPPLITE-SR25UBKD Datasheet
493Kb / 3P
25U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SRFILTER TRIPPLITE-SRFILTER Datasheet
478Kb / 2P
SmartRack Enclosure Filter Kit
SRGASKET TRIPPLITE-SRGASKET Datasheet
479Kb / 2P
SmartRack Airflow Optimization Kit
SRLADDERATTACH TRIPPLITE-SRLADDERATTACH Datasheet
498Kb / 2P
SmartRack Hardware Kit - Connects SRCABLELADDER to a wall or Open Frame Rack
SRSKIRT TRIPPLITE-SRSKIRT Datasheet
472Kb / 2P
SmartRack Enclosure Skirt Kit
SRSTABILIZE TRIPPLITE-SRSTABILIZE Datasheet
470Kb / 2P
SmartRack Anti-Tip Stabilizing Plate Kit - Provides extra stability for standalone enclosures
SRTHERMDUCT TRIPPLITE-SRTHERMDUCT Datasheet
505Kb / 2P
SmartRack Thermal Duct Kit for SmartRack Enclosures
logo
SICK AG
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
Mounting brackets and plates
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com