Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCABLEDUCT1UHD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCABLEDUCT1UHD
Description  SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCABLEDUCT1UHD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCABLEDUCT1UHD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCABLEDUCT1UHD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack 1U High Capacity Horizontal Cable
Manager - Finger duct with dual-hinge cover
MODEL NUMBER: SRCABLEDUCT1UHD
Description
Tripp Lite's SmartRack High Capacity SRCABLEDUCT1UHD helps eliminate cable stress for your rack enclosure cabinet or open frame rack. The 1U 19-inch
horizontal high capacity cable manager (finger duct with dual-hinge cover) organizes cables within the SmartRack enclosure or open rack. Required mounting
hardware is included.
Features
1U 19-inch horizontal high capacity cable manager (finger duct with dual-hinge cover) organizes cables within the SmartRack enclosure or open rack
Helps eliminate cable stress for your rack enclosure cabinet or open frame rack
Required mounting hardware is included
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
2.6 x 19.75 x 5.75
Shipping Dimensions (hwd / cm)
6.60 x 50.17 x 14.61
Shipping Weight (lbs.)
2.9
Shipping Weight (kg)
1.32
Unit Dimensions (hwd / in.)
1.75 x 19 x 4.52
Unit Dimensions (hwd / cm)
4.45 x 48.26 x 11.48
Unit Weight (lbs.)
2.6
Unit Weight (kg)
1.18
WARRANTY
Highlights
1U 19-inch High Capacity
Horizontal Cable Manager-finger
duct with dual-hinge cover
Helps eliminate cable stress
Organizes cables within
SmartRack enclosure or open
rack
Required mounting hardware
included
Cold rolled steel with black finish
Package Includes
SRCABLEDUCT1UHD 1U High
Capacity Cable manager
Mounting Hardware
Owner's Manual with warranty
information
1 / 2


Similar Part No. - SRCABLEDUCT1UHD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
More results

Similar Description - SRCABLEDUCT1UHD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCTVRT TRIPPLITE-SRCABLEDUCTVRT Datasheet
486Kb / 2P
SmartRack 6-ft. (1.8 m) Vertical Cable Manager - Double finger duct with cover & toolless mounting
SRCABLERING1U TRIPPLITE-SRCABLERING1U Datasheet
468Kb / 2P
SmartRack 1U Horizontal Cable Manager - Flexible ring type
SRCABLERING2U TRIPPLITE-SRCABLERING2U Datasheet
477Kb / 2P
SmartRack 2U Horizontal Cable Manager - Flexible ring type
SRCABLEVRT3 TRIPPLITE-SRCABLEVRT3 Datasheet
502Kb / 2P
SmartRack 3 in. Wide High Capacity Vertical Cable Manager - Double finger duct
SRCABLEVRT6 TRIPPLITE-SRCABLEVRT6 Datasheet
509Kb / 2P
SmartRack 6 in. Wide High Capacity Vertical Cable Manager - Double finger duct with cover
SRCABLEVRT12 TRIPPLITE-SRCABLEVRT12 Datasheet
520Kb / 2P
SmartRack 12 in. Width High Capacity Vertical Cable Manager - Double finger duct with cover
SRSHELFKBD TRIPPLITE-SRSHELFKBD Datasheet
489Kb / 2P
SmartRack 1U Rack-Mount Keyboard with KVM Cable Kit
SRCABLETRAY1U TRIPPLITE-SRCABLETRAY1U Datasheet
153Kb / 2P
SmartRack 1U Horizontal Cable Management Tray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com