Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCABLEDUCTVRT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCABLEDUCTVRT
Description  SmartRack 6-ft. (1.8 m) Vertical Cable Manager - Double finger duct with cover & toolless mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCABLEDUCTVRT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCABLEDUCTVRT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCABLEDUCTVRT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack 6-ft. (1.8 m) Vertical Cable Manager -
Double finger duct with cover & toolless mounting
MODEL NUMBER: SRCABLEDUCTVRT
Description
Tripp Lite's SmartRack SRCABLEDUCTVRT helps eliminate cable stress by organizing the cables within the SmartRack enclosure or open rack cabinet. The
vertical cable manager (finger duct with cover) is 6-ft high and split into two 3-ft sections to allow for multiple installation options. SRCABLEDUCTVRT offers
toolless button mounting.
Features
Tripp Lite's SmartRack SRCABLEDUCTVRT helps eliminate cable stress by organizing the cables within the SmartRack enclosure or open rack cabinet
The vertical cable manager (finger duct with cover) is 6-ft high and split into two 3-ft sections to allow for multiple installation options
Offers toolless button mounting
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
35 x 6 x 2.5
Shipping Dimensions (hwd / cm)
88.9 x 15.24 x 6.35
Shipping Weight (lbs.)
4.75
Shipping Weight (kg)
2.15
Unit Dimensions (hwd / in.)
2.04 x 4.06 x 34.13
Unit Dimensions (hwd / cm)
5.18 x 10.31 x 86.69
Unit Weight (lbs.)
4
Unit Weight (kg)
1.81
WARRANTY
Highlights
Vertical Cable Manager, 6 foot,
finger duct with cover
Split into two 3 foot section to
allow for multiple installation
options
Helps eliminate cable stress
Organizes cables within
SmartRack enclosure or open
rack
Toolless button mounts
Cold rolled steel with black finish
Package Includes
Vertical Cable Manager, 6 foot,
finger duct with cover
1 / 2


Similar Part No. - SRCABLEDUCTVRT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
More results

Similar Description - SRCABLEDUCTVRT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
S366006 TRIPPLITE-S366006 Datasheet
485Kb / 2P
SCSI Double Shielded Cable (HD50 M-M), 6-ft
S404006 TRIPPLITE-S404006 Datasheet
469Kb / 2P
SCSI Double Shielded Cable (HD68 M-M), 6-ft
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLERINGVRT TRIPPLITE-SRCABLERINGVRT Datasheet
488Kb / 2P
SmartRack 6-ft. (1.8 m) Vertical Cable Manager - Flexible ring type and toolless mounting
SRCABLEVRT3 TRIPPLITE-SRCABLEVRT3 Datasheet
502Kb / 2P
SmartRack 3 in. Wide High Capacity Vertical Cable Manager - Double finger duct
SRCABLEVRT6 TRIPPLITE-SRCABLEVRT6 Datasheet
509Kb / 2P
SmartRack 6 in. Wide High Capacity Vertical Cable Manager - Double finger duct with cover
SRCABLEVRT12 TRIPPLITE-SRCABLEVRT12 Datasheet
520Kb / 2P
SmartRack 12 in. Width High Capacity Vertical Cable Manager - Double finger duct with cover
P584-006 TRIPPLITE-P584-006_V01 Datasheet
32Kb / 3P
Mini DisplayPort Cable, 4K 60Hz (M/M), White, 6 ft. (1.8 m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com