Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCABLERING2U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCABLERING2U
Description  SmartRack 2U Horizontal Cable Manager - Flexible ring type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCABLERING2U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCABLERING2U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCABLERING2U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack 2U Horizontal Cable Manager - Flexible
ring type
MODEL NUMBER: SRCABLERING2U
Description
Tripp Lite's SmartRack SRCABLERING2U fits any standard 19" rack and helps eliminate cable stress for your rack enclosure cabinet. The 2U 19-inch
horizontal cable manager (flexible ring type) organizes cables within the SmartRack enclosure or open rack. Required mounting hardware is included.
Features
Tripp Lite's SmartRack SRCABLERING2U fits any standard 19" rack and helps eliminate cable stress for your rack enclosure cabinet
2U 19-inch horizontal cable manager (flexible ring type) organizes cables within the SmartRack enclosure or open rack
Required mounting hardware is included
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
5 x 20 x 4
Shipping Dimensions (hwd / cm)
12.7 x 50.8 x 10.16
Shipping Weight (lbs.)
1.86
Shipping Weight (kg)
.82
Unit Dimensions (hwd / in.)
1.77 x 3.9 x 19.13
Unit Dimensions (hwd / cm)
4.50 x 9.91 x 48.59
Unit Weight (lbs.)
1.5
Unit Weight (kg)
0.68
WARRANTY
Highlights
2U 19-inch Horizontal Cable
Manager
Helps eliminate cable stress
Organizes cables within
SmartRack enclosure or open
rack
Required mounting hardware
included
Cold rolled steel with black finish
Package Includes
2U 19 inch Horizontal Cable
Manager, mounting hardware
1 / 2


Similar Part No. - SRCABLERING2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLERING1U TRIPPLITE-SRCABLERING1U Datasheet
468Kb / 2P
SmartRack 1U Horizontal Cable Manager - Flexible ring type
SRCABLERINGVRT TRIPPLITE-SRCABLERINGVRT Datasheet
488Kb / 2P
SmartRack 6-ft. (1.8 m) Vertical Cable Manager - Flexible ring type and toolless mounting
More results

Similar Description - SRCABLERING2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLERING1U TRIPPLITE-SRCABLERING1U Datasheet
468Kb / 2P
SmartRack 1U Horizontal Cable Manager - Flexible ring type
SRCABLERINGVRT TRIPPLITE-SRCABLERINGVRT Datasheet
488Kb / 2P
SmartRack 6-ft. (1.8 m) Vertical Cable Manager - Flexible ring type and toolless mounting
SRCABLETRAY1U TRIPPLITE-SRCABLETRAY1U Datasheet
153Kb / 2P
SmartRack 1U Horizontal Cable Management Tray
SRDRAWER2U TRIPPLITE-SRDRAWER2U Datasheet
164Kb / 2P
SmartRack 2U Locking Rack-Mount Storage Drawer
logo
PANDUIT CORP.
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
WMPF1E HORIZONTAL MANAGER
08A
WMPLFSE PANDUIT-WMPLFSE Datasheet
273Kb / 1P
WMPLFSE HORIZONTAL MANAGER
04A
logo
Kendall Howard
1903-3-100-02 KENDALLHOWARD-1903-3-100-02 Datasheet
72Kb / 1P
2U TOOL LESS 5 D-RING CABLE MANAGER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com