Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCABLETRAY Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCABLETRAY
Description  SmartRack Roof-Mounted Cable Trough - Provides cable routing and power/data cable segregation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCABLETRAY Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCABLETRAY Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCABLETRAY Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack Roof-Mounted Cable Trough - Provides
cable routing and power/data cable segregation
MODEL NUMBER: SRCABLETRAY
Description
Tripp Lite's SmartRack SRCABLETRAY safely routes cables across the top of an enclosure. When cabinets are lined in a row, these trays create a dedicated
path for cables helping to eliminate cable stress. The SRCABLETRAY organizes cables outside of the SmartRack enclosure. It offers toolless mounting to the
top of the rack panel and a grounding stud is provided to allow tie-in to the enclosure and the facility ground.
Features
Tripp Lite's SmartRack SRCABLETRAY safely routes cables across the top of an enclosure
When cabinets are lined in a row, these trays create a dedicated path for cables helping to eliminate cable stress
The SRCABLETRAY organizes cables outside of the SmartRack enclosure
It offers toolless mounting to the top of the rack panel and a grounding stud is provided to allow tie-in to the enclosure and the facility ground
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
21.5 x 13 x 5
Shipping Dimensions (hwd / cm)
54.61 x 33.02 x 12.7
Shipping Weight (lbs.)
11.74
Shipping Weight (kg)
5.33
Unit Dimensions (hwd / in.)
4.6 x 12.32 x 21.14
Unit Dimensions (hwd / cm)
11.68 x 31.29 x 53.70
Unit Weight (lbs.)
9
Unit Weight (kg)
4.08
Highlights
Safely routes cables across the
top of an enclosure
When cabinets are lined in a row,
these trays create a dedicated
path for cables
Helps eliminate cable stress
Organizes cables outside of
SmartRack enclosure
Toolless mounting on the
SmartRack enclosure's top panel
Grounding stud provided to allow
tie-in to the enclosure and facility
ground
Package Includes
Safely routes cables across the
top of an enclosure
1 / 2


Similar Part No. - SRCABLETRAY

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLETRAY1U TRIPPLITE-SRCABLETRAY1U Datasheet
153Kb / 2P
SmartRack 1U Horizontal Cable Management Tray
SRCABLETRAYEXP TRIPPLITE-SRCABLETRAYEXP Datasheet
507Kb / 2P
SmartRack Roof-Mounted Cable Trough Vertical Expansion Plates - Requires SRCABLETRAY
More results

Similar Description - SRCABLETRAY

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
FCRC-13B-4-01 RICHCO-FCRC-13B-4-01 Datasheet
62Kb / 1P
FLAT CABLE ROUTING CLAMP
logo
Tripp Lite. All Rights ...
SRCABLETRAYEXP TRIPPLITE-SRCABLETRAYEXP Datasheet
507Kb / 2P
SmartRack Roof-Mounted Cable Trough Vertical Expansion Plates - Requires SRCABLETRAY
SRPAGODAROOF TRIPPLITE-SRPAGODAROOF Datasheet
463Kb / 2P
SmartRack Drip Resistant Roof
SRVRTBAR45 TRIPPLITE-SRVRTBAR45 Datasheet
531Kb / 2P
SmartRack 45U Vertical Cable Management Bars
SRVRTBAR48 TRIPPLITE-SRVRTBAR48 Datasheet
522Kb / 2P
SmartRack 48U Vertical Cable Management Bars
logo
List of Unclassifed Man...
PP001160 ETC2-PP001160 Datasheet
165Kb / 1P
Data and Audio Cable
PP001162 ETC2-PP001162 Datasheet
164Kb / 1P
Data and Audio Cable
logo
Tripp Lite. All Rights ...
SRCABLETRAY1U TRIPPLITE-SRCABLETRAY1U Datasheet
153Kb / 2P
SmartRack 1U Horizontal Cable Management Tray
logo
Kendall Howard
1902-1-001-01 KENDALLHOWARD-1902-1-001-01 Datasheet
70Kb / 1P
1U CABLE ROUTING BLANK
1902-1-002-02 KENDALLHOWARD-1902-1-002-02 Datasheet
72Kb / 1P
2U CABLE ROUTING BLANK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com