Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCABLETRAYEXP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCABLETRAYEXP
Description  SmartRack Roof-Mounted Cable Trough Vertical Expansion Plates - Requires SRCABLETRAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCABLETRAYEXP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCABLETRAYEXP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCABLETRAYEXP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack Roof-Mounted Cable Trough Vertical
Expansion Plates - Requires SRCABLETRAY
MODEL NUMBER: SRCABLETRAYEXP
Description
Tripp Lite's SmartRack SRCABLETRAYEXP adds an additional level of cable routing to the SRCABLETRAY
(required part). When used with the SRCABLETRAY these expansion plates allow dedicated, separate paths for
power, data and fiber cables. The SRCABLETRAYEXP helps eliminate cable stress by organizing cables outside of the SmartRack enclosure. Convenient,
toolless mounting on the top panel of the SmartRack enclosure.
Features
Tripp Lite's SmartRack SRCABLETRAYEXP adds an additional level of cable routing to the SRCABLETRAY (required part)
When used with the SRCABLETRAY these expansion plates allow dedicated, separate paths for power, data and fiber cables
The SRCABLETRAYEXP helps eliminate cable stress by organizing cables outside of the SmartRack enclosure
Convenient, toolless mounting on the top panel of the SmartRack enclosure
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
21 x 13 x 3
Shipping Dimensions (hwd / cm)
53.34 x 33.02 x 7.62
Shipping Weight (lbs.)
10.33
Shipping Weight (kg)
4.69
Unit Dimensions (hwd / in.)
2.2 x 12.13 x 21.14
Unit Dimensions (hwd / cm)
5.59 x 30.81 x 53.70
Unit Weight (lbs.)
4
Unit Weight (kg)
1.81
Highlights
Adds an additional level of cable
routing to the SRCABLETRAY
When used with the
SRCABLETRAY these
expansion plates allow
dedicated, separate paths for
power, data and fiber cables
Helps eliminate cable stress
Organizes cables outside of
SmartRack enclosure
Toolless mounting on the
SmartRack enclosure's top panel
Package Includes
When used with the
SRCABLETRAY these
expansion plates allow
dedicated, separate paths for
power, data and fiber cables
1 / 2


Similar Part No. - SRCABLETRAYEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLETRAY TRIPPLITE-SRCABLETRAY Datasheet
507Kb / 2P
SmartRack Roof-Mounted Cable Trough - Provides cable routing and power/data cable segregation
SRCABLETRAY1U TRIPPLITE-SRCABLETRAY1U Datasheet
153Kb / 2P
SmartRack 1U Horizontal Cable Management Tray
More results

Similar Description - SRCABLETRAYEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UBEXPNDNR3 TRIPPLITE-SR42UBEXPNDNR3 Datasheet
486Kb / 3P
42U SmartRack 4-Post Premium Open Frame Rack - no sides, doors or roof
SR45UBEXPNDNR3 TRIPPLITE-SR45UBEXPNDNR3 Datasheet
486Kb / 3P
45U SmartRack 4-Post Premium Open Frame Rack - no sides, doors or roof
SRBOLTDOWN TRIPPLITE-SRBOLTDOWN Datasheet
478Kb / 2P
SmartRack Bolt-Down Kit - Secures stabilizing brackets or plates to facility floor
SRCABLELADDER TRIPPLITE-SRCABLELADDER Datasheet
469Kb / 2P
SmartRack 10-ft. x 1-ft. (3 m x 0.3 m) Cable Ladder, 2 sections - SRCABLETRAY/SRLADDERATTACH needed
SRCABLETRAY TRIPPLITE-SRCABLETRAY Datasheet
507Kb / 2P
SmartRack Roof-Mounted Cable Trough - Provides cable routing and power/data cable segregation
SRPAGODAROOF TRIPPLITE-SRPAGODAROOF Datasheet
463Kb / 2P
SmartRack Drip Resistant Roof
SRVRTBAR TRIPPLITE-SRVRTBAR Datasheet
529Kb / 2P
SmartRack 42U Vertical Cable Management Bars
SRVRTBAR45 TRIPPLITE-SRVRTBAR45 Datasheet
531Kb / 2P
SmartRack 45U Vertical Cable Management Bars
SRVRTBAR48 TRIPPLITE-SRVRTBAR48 Datasheet
522Kb / 2P
SmartRack 48U Vertical Cable Management Bars
SRXFANROOF TRIPPLITE-SRXFANROOF Datasheet
493Kb / 2P
SmartRack Roof-Mounted Fan Panel - 6 208/240V high-performance fans; 420 CFM; C14 inlet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com