Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCABLEVRT3 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCABLEVRT3
Description  SmartRack 3 in. Wide High Capacity Vertical Cable Manager - Double finger duct
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCABLEVRT3 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCABLEVRT3 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCABLEVRT3 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack 3 in. Wide High Capacity Vertical Cable
Manager - Double finger duct
MODEL NUMBER: SRCABLEVRT3
Description
Tripp Lite's SmartRack SRCABLEVRT3 helps eliminate cable stress by organizing the cables within the
SmartRack enclosure. The vertical cable manager (finger duct with cover) is 6-ft high, 3" wide and split into three
2-ft sections to allow for multiple installation options. SRCABLEVRT3 offers toolless button mounting.
Features
Tripp Lite's SmartRack SRCABLEVRT3 helps eliminate cable stress by organizing the cables within the SmartRack enclosure
The vertical cable manager (finger duct with cover) is 6-ft high, 3" wide and split into three 2-ft sections to allow for multiple installation options
Toolless button mounting
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
4.92 x 8.07 x 24.8
Shipping Dimensions (hwd / cm)
12.50 x 20.50 x 62.99
Shipping Weight (lbs.)
11
Shipping Weight (kg)
4.99
Unit Dimensions (hwd / in.)
24.45 x 4.4 x 5.31
Unit Dimensions (hwd / cm)
62.10 x 11.18 x 13.49
Unit Weight (lbs.)
5
Unit Weight (kg)
2.27
WARRANTY
Highlights
Vertical Cable Manager, 6 foot,
finger duct with cover
High Capacity (3" width) for large
cable bundles
Split into three 2-ft sections to
allow for multiple installation
options
Helps eliminate cable stress
Organizes cables within
SmartRack enclosure
Toolless button mounts
Can be used on Open Frame
Racks or inside 42U and 48U
Enclosures
Package Includes
Vertical Cable Manager, 6 foot,
finger duct with cover, mounting
hardware
1 / 2


Similar Part No. - SRCABLEVRT3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEVRT12 TRIPPLITE-SRCABLEVRT12 Datasheet
520Kb / 2P
SmartRack 12 in. Width High Capacity Vertical Cable Manager - Double finger duct with cover
SRCABLEVRT6 TRIPPLITE-SRCABLEVRT6 Datasheet
509Kb / 2P
SmartRack 6 in. Wide High Capacity Vertical Cable Manager - Double finger duct with cover
More results

Similar Description - SRCABLEVRT3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCTVRT TRIPPLITE-SRCABLEDUCTVRT Datasheet
486Kb / 2P
SmartRack 6-ft. (1.8 m) Vertical Cable Manager - Double finger duct with cover & toolless mounting
SRCABLERING1U TRIPPLITE-SRCABLERING1U Datasheet
468Kb / 2P
SmartRack 1U Horizontal Cable Manager - Flexible ring type
SRCABLERING2U TRIPPLITE-SRCABLERING2U Datasheet
477Kb / 2P
SmartRack 2U Horizontal Cable Manager - Flexible ring type
SRCABLEVRT6 TRIPPLITE-SRCABLEVRT6 Datasheet
509Kb / 2P
SmartRack 6 in. Wide High Capacity Vertical Cable Manager - Double finger duct with cover
SRCABLEVRT12 TRIPPLITE-SRCABLEVRT12 Datasheet
520Kb / 2P
SmartRack 12 in. Width High Capacity Vertical Cable Manager - Double finger duct with cover
SRTHERMDUCT TRIPPLITE-SRTHERMDUCT Datasheet
505Kb / 2P
SmartRack Thermal Duct Kit for SmartRack Enclosures
SRCOOL7KDUCT TRIPPLITE-SRCOOL7KDUCT Datasheet
163Kb / 2P
SmartRack Exhaust Duct Kit for SRCOOL7KRM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com