Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCABLEVRT6 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCABLEVRT6
Description  SmartRack 6 in. Wide High Capacity Vertical Cable Manager - Double finger duct with cover
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCABLEVRT6 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCABLEVRT6 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCABLEVRT6 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack 6 in. Wide High Capacity Vertical Cable
Manager - Double finger duct with cover
MODEL NUMBER: SRCABLEVRT6
Description
Tripp Lite's SmartRack SRCABLEVRT6 helps eliminate cable stress by organizing the cables within the SmartRack Open Rack cabinet. The vertical cable
manager (finger duct with cover) is 6-ft high, 6" wide and split into three 2-ft sections to allow for multiple installation options. SRCABLEVRT6 offers toolless
button mounting.
Features
Eliminate cable stress by organizing the cables within the SmartRack Open Rack cabinet
Vertical cable manager (finger duct with cover) is 6-ft high, 6" wide and split into three 2-ft sections to allow for multiple installation options
Toolless button mounting.
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
4.5 x 12.8 x 25.25
Shipping Dimensions (hwd / cm)
11.43 x 32.51 x 64.14
Shipping Weight (lbs.)
20.5
Shipping Weight (kg)
9.30
Unit Dimensions (hwd / in.)
24.45 x 6.9 x 6.02
Unit Dimensions (hwd / cm)
62.10 x 17.53 x 15.29
Unit Weight (lbs.)
6.28
Unit Weight (kg)
2.85
WARRANTY
Highlights
Vertical Cable Manager, 6 foot,
finger duct with cover
High Capacity (6" width) for large
cable bundles
Split into three 2 foot sections to
allow for multiple installation
options
Helps eliminate cable stress
Organizes cables within an Open
Rack
Toolless button mounts
Cold rolled steel with black finish
Package Includes
Vertical Cable Manager, 6 foot,
finger duct with cover, mounting
hardware
1 / 2


Similar Part No. - SRCABLEVRT6

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEVRT12 TRIPPLITE-SRCABLEVRT12 Datasheet
520Kb / 2P
SmartRack 12 in. Width High Capacity Vertical Cable Manager - Double finger duct with cover
SRCABLEVRT3 TRIPPLITE-SRCABLEVRT3 Datasheet
502Kb / 2P
SmartRack 3 in. Wide High Capacity Vertical Cable Manager - Double finger duct
More results

Similar Description - SRCABLEVRT6

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCTVRT TRIPPLITE-SRCABLEDUCTVRT Datasheet
486Kb / 2P
SmartRack 6-ft. (1.8 m) Vertical Cable Manager - Double finger duct with cover & toolless mounting
SRCABLERING1U TRIPPLITE-SRCABLERING1U Datasheet
468Kb / 2P
SmartRack 1U Horizontal Cable Manager - Flexible ring type
SRCABLERING2U TRIPPLITE-SRCABLERING2U Datasheet
477Kb / 2P
SmartRack 2U Horizontal Cable Manager - Flexible ring type
SRCABLERINGVRT TRIPPLITE-SRCABLERINGVRT Datasheet
488Kb / 2P
SmartRack 6-ft. (1.8 m) Vertical Cable Manager - Flexible ring type and toolless mounting
SRCABLEVRT3 TRIPPLITE-SRCABLEVRT3 Datasheet
502Kb / 2P
SmartRack 3 in. Wide High Capacity Vertical Cable Manager - Double finger duct
SRCABLEVRT12 TRIPPLITE-SRCABLEVRT12 Datasheet
520Kb / 2P
SmartRack 12 in. Width High Capacity Vertical Cable Manager - Double finger duct with cover
SRTHERMDUCT TRIPPLITE-SRTHERMDUCT Datasheet
505Kb / 2P
SmartRack Thermal Duct Kit for SmartRack Enclosures
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com