Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCASTER Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCASTER
Description  SmartRack Rolling Caster Kit, 4 pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCASTER Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCASTER Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCASTER Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack Rolling Caster Kit, 4 pack
MODEL NUMBER: SRCASTER
Description
Tripp Lite's SmartRack SRCASTER is a rolling caster kit used to maneuver rack enclosures, wall-mounts and 4 post open frame racks to their desired
location. The kit includes 4 casters (550 lb per caster rating), installation guide and mounting hardware. The kit comes standard with all floor standing rack
enclosures (48/45/42/25/12U).
Note: Casters are intended for minor position adjustments and are not designed for moving racks over long distances.
Features
Rolling caster kit used to maneuver rack enclosures, wall-mounts and 4-post open frame racks to their desired location
The kit includes 4 casters (550 lb per caster rating), installation guide and mounting hardware
The kit comes standard with all floor standing rack enclosures (48/45/42/25/12U)
Note: Casters are intended for minor position adjustments and are not designed for moving racks over long distances
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
3.75 x 7.75 x 4.5
Shipping Dimensions (hwd / cm)
9.53 x 19.69 x 11.43
Shipping Weight (lbs.)
5.7
Shipping Weight (kg)
2.59
WARRANTY
Highlights
Per caster rating of 550lbs
Includes 4 casters, installation
guide and mounting hardware
Included with all floor-standing
rack enclosure models
(48/45/42/25/12U)
Can be purchased as an
accessory to turn stationary
4-post open frame and
wall-mount racks into mobile
rolling racks
Package Includes
Includes casters, installation
guide and mounting hardware
1 / 2


Similar Part No. - SRCASTER

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCASTERHDKIT TRIPPLITE-SRCASTERHDKIT Datasheet
480Kb / 2P
SmartRack Heavy-Duty Rolling Caster Kit, 4 pack
More results

Similar Description - SRCASTER

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
RC-4835-PR BUD-RC-4835-PR Datasheet
25Kb / 1P
SWIVEL CASTER
logo
Tripp Lite. All Rights ...
SRCASTERHDKIT TRIPPLITE-SRCASTERHDKIT Datasheet
480Kb / 2P
SmartRack Heavy-Duty Rolling Caster Kit, 4 pack
SRFILTER TRIPPLITE-SRFILTER Datasheet
478Kb / 2P
SmartRack Enclosure Filter Kit
SRGASKET TRIPPLITE-SRGASKET Datasheet
479Kb / 2P
SmartRack Airflow Optimization Kit
SRSKIRT TRIPPLITE-SRSKIRT Datasheet
472Kb / 2P
SmartRack Enclosure Skirt Kit
SRTHERMDUCT TRIPPLITE-SRTHERMDUCT Datasheet
505Kb / 2P
SmartRack Thermal Duct Kit for SmartRack Enclosures
logo
Bud Industries, Inc.
RC-7764-PR BUD-RC-7764-PR Datasheet
31Kb / 1P
CASTER
logo
Tripp Lite. All Rights ...
DMCCASTER TRIPPLITE-DMCCASTER Datasheet
165Kb / 2P
Locking Caster Kit for Rolling TV/Monitor Carts - Heavy Duty, Swivel, 4 in. Diameter, 4 Casters
SRCOOL7KDUCT TRIPPLITE-SRCOOL7KDUCT Datasheet
163Kb / 2P
SmartRack Exhaust Duct Kit for SRCOOL7KRM
logo
Kendall Howard
5200-3-001-00 KENDALLHOWARD-5200-3-001-00 Datasheet
696Kb / 2P
LAN Station Caster Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com