Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCASTERHDKIT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCASTERHDKIT
Description  SmartRack Heavy-Duty Rolling Caster Kit, 4 pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCASTERHDKIT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCASTERHDKIT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCASTERHDKIT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack Heavy-Duty Rolling Caster Kit, 4 pack
MODEL NUMBER: SRCASTERHDKIT
Description
Tripp Lite's SmartRack SRCASTERHDKIT is a heavy-duty rolling caster kit used to maneuver rack enclosures and 4-post open frame racks to their desired
location. The heavy-duty casters (750 lbs. per caster rating) allows for a weight limit of 3000 lbs. both stationary and rolling. The kit includes 4 casters and
mounting hardware.
Features
Heavy-duty rolling caster kit used to maneuver rack enclosures and 4-post open frame racks to their desired location
Heavy-duty casters (750 lb per caster rating) allow for a weight limit of 3000 lb both stationary and rolling
Includes 4 casters and mounting hardware.
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
12.6 x 4.72 x 4.92
Shipping Dimensions (hwd / cm)
32 x 12 x 12.5
Shipping Weight (lbs.)
6.2
Shipping Weight (kg)
2.8
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
Highlights
Heavy-duty rating of 750 lbs. per
caster
Allows stationary and rolling
weight for 3000 lbs.
Enables floor enclosures and
4-post open frame racks to be
mobile
Includes 4 casters and mounting
hardware
Package Includes
(4) Heavy-Duty Casters
Mounting Hardware
1 / 2


Similar Part No. - SRCASTERHDKIT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCASTER TRIPPLITE-SRCASTER Datasheet
467Kb / 2P
SmartRack Rolling Caster Kit, 4 pack
More results

Similar Description - SRCASTERHDKIT

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407228 EXTECH-407228 Datasheet
267Kb / 1P
Heavy Duty pH/ORP/Temp Kit
EX505-K EXTECH-EX505-K Datasheet
535Kb / 1P
Heavy Duty Industrial MultiMeter Kit
logo
Tripp Lite. All Rights ...
SRCASTER TRIPPLITE-SRCASTER Datasheet
467Kb / 2P
SmartRack Rolling Caster Kit, 4 pack
SR48SIDE4PHD TRIPPLITE-SR48SIDE4PHD Datasheet
152Kb / 2P
48U SmartRack Heavy-Duty Open Frame side panels with latches
SR50SIDE4PHD TRIPPLITE-SR50SIDE4PHD Datasheet
151Kb / 2P
50U SmartRack Heavy-Duty Open Frame side panels with latches
SR52SIDE4PHD TRIPPLITE-SR52SIDE4PHD Datasheet
152Kb / 2P
52U SmartRack Heavy-Duty Open Frame side panels with latches
SR58SIDE4PHD TRIPPLITE-SR58SIDE4PHD Datasheet
152Kb / 2P
58U SmartRack Heavy-Duty Open Frame side panels with latches
DMCCASTER TRIPPLITE-DMCCASTER Datasheet
165Kb / 2P
Locking Caster Kit for Rolling TV/Monitor Carts - Heavy Duty, Swivel, 4 in. Diameter, 4 Casters
logo
SparkFun Electronics
ROB-12124 SPARKFUN-ROB-12124 Datasheet
144Kb / 1P
Heavy Duty Wheel - 4
2/15/2016
logo
Kendall Howard
5200-3-001-00 KENDALLHOWARD-5200-3-001-00 Datasheet
696Kb / 2P
LAN Station Caster Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com