Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SREXTENDER Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SREXTENDER
Description  SmartRack Rack Enclosure Extension Frame - Increases rack external and maximum mounting depth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SREXTENDER Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SREXTENDER Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SREXTENDER Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack Rack Enclosure Extension Frame -
Increases rack external & maximum mounting depth
MODEL NUMBER: SREXTENDER
Description
SREXTENDER rack extension frame allows you to increase mounting depth of standard rack enclosure by 8-in. without replacing enclosure and reinstalling
existing equipment. SREXTENDER is compatible with SmartRack 42U and 48U enclosures. Ideal for hosting, colocation, and server farm applications that
experience rapid growth, requiring the installation of deep server chassis that can pack more processing power in each rack enclosure.
Features
25U, 42U, or 48U height-adjustable rack extension frame
Increase usable depth of standard rack enclosure by 8 inches
Allows easy integration of cable management trays from standard enclosure
Textured powder coat finish
Top cable access opening can also accomodate up to 3U rack accessories
Simple installation of extension frame just by removing rear doors, attaching frame to existing rear hinges and attaching doors to extenstion frame
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
9.3 x 47.5 x 8
Shipping Dimensions (hwd / cm)
23.62 x 120.65 x 20.3
Shipping Weight (lbs.)
60
Shipping Weight (kg)
27.22
WARRANTY
Highlights
42U or 48U height-adjustable
rack extension frame
Increase usable depth of
standard rack enclosure by 8
inches
Allows easy integration of
toolless mounting rails from
standard enclosures
1 / 2


Similar Part No. - SREXTENDER

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SRE MERITEK-SRE Datasheet
139Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
Ningbo songle relay co....
SRE SONGLERELAY-SRE Datasheet
3Mb / 2P
Miniature volume, PCB usage
logo
Winchester Electronics ...
SRE WINCHESTER-SRE Datasheet
4Mb / 93P
Rack & Panel
logo
Ningbo songle relay co....
SRE SONGLERELAY-SRE Datasheet
85Kb / 2P
Small size and low cost
logo
REMA Lipprandt GmbH & C...
SRE 160 REMA-SRE 160 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
More results

Similar Description - SREXTENDER

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBKD TRIPPLITE-SR25UBKD Datasheet
493Kb / 3P
25U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SR42UBMDEXPND TRIPPLITE-SR42UBMDEXPND Datasheet
487Kb / 3P
42U SmartRack 4-Post Mid-Depth Open Frame Rack
SR45UBMDEXPND TRIPPLITE-SR45UBMDEXPND Datasheet
486Kb / 3P
45U SmartRack 4-Post Mid-Depth Open Frame Rack
SR45UBSP1 TRIPPLITE-SR45UBSP1 Datasheet
513Kb / 4P
45U SmartRack Standard-Depth Rack Enclosure
SR45UBWDSP1 TRIPPLITE-SR45UBWDSP1 Datasheet
524Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure
SRW9U TRIPPLITE-SRW9U Datasheet
527Kb / 3P
SmartRack 9U Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW10US TRIPPLITE-SRW10US Datasheet
509Kb / 3P
SmartRack 10U Vertical Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW18US13 TRIPPLITE-SRW18US13 Datasheet
522Kb / 2P
SmartRack 18U Slim Wall-Mount Standard-Depth Rack Enclosure Cabinet
SR2000 TRIPPLITE-SR2000 Datasheet
159Kb / 3P
SmartRack 42U Value Series Standard-Depth Rack Enclosure Cabinet
SR18UB TRIPPLITE-SR18UB Datasheet
188Kb / 3P
SmartRack 18U Mid-Depth Rack Enclosure Cabinet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com