Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6466 Datasheet(PDF) 21 Page - NEC

Part # UPD6466
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466 Datasheet(HTML) 21 Page - NEC

Back Button UPD6466 Datasheet HTML 17Page - NEC UPD6466 Datasheet HTML 18Page - NEC UPD6466 Datasheet HTML 19Page - NEC UPD6466 Datasheet HTML 20Page - NEC UPD6466 Datasheet HTML 21Page - NEC UPD6466 Datasheet HTML 22Page - NEC UPD6466 Datasheet HTML 23Page - NEC UPD6466 Datasheet HTML 24Page - NEC UPD6466 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
21
µPD6466
2.3 Power-ON Clear Function
Because the internal status of the IC is undefined on power application, execute power-ON clear by lowering the
PCL pin for the duration described below.
Command setting on power-ON clear is as follows:
•
Clears test mode
•
Default setting of initial status (Refer to 3.14 Initial Status Setting Command.)
•
Clears all character data (12 rows, 24 columns) of video RAM (Display Off Data (FEH)). No data blinks.
•
Video RAM write address (row 0, digit 0)
•
Standard size for all rows as character size (SV1, SV0, SH1, SH0) = (0, 0, 0, 0)
•
All rows specified for output pin selection (OD1, OD0) = (0, 0)
•
Display OFF, LC oscillation ON, blinking OFF
•
Display of each channel OFF
•
No background and framing for all three channels
•
Blue back OFF
•
Low-order (0) bank for character address
The time required for power-ON clear can be calculated by the following expression. Do not input any command
during this time.
t (Time required for power-ON clearing) = tPCLLNote + Video RAM clear time
= 10 (
µs) + 10 (µs) + 12/fOSC (MHz) × 288
fOSC (MHz): LC oscillation frequency or external input clock frequency
Note
Refer to Power-ON Clear Specifications in 6. ELECTRICAL
CHARACTERISTICS.
To clear the video RAM, the dot clock (OSCIN pin) must be input. Be sure to input the clock when the input of an
external clock is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com