Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4416 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4416
Description  36V, Low Loss Dual PowerPath Controllers for Large PFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4416 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4416_15 Datasheet HTML 4Page - Linear Technology LTC4416_15 Datasheet HTML 5Page - Linear Technology LTC4416_15 Datasheet HTML 6Page - Linear Technology LTC4416_15 Datasheet HTML 7Page - Linear Technology LTC4416_15 Datasheet HTML 8Page - Linear Technology LTC4416_15 Datasheet HTML 9Page - Linear Technology LTC4416_15 Datasheet HTML 10Page - Linear Technology LTC4416_15 Datasheet HTML 11Page - Linear Technology LTC4416_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC4416/LTC4416-1
0
4416fa
differ by more than 100mV, 100% of the load will come
from the higher of V1 or V2.
The user has the option of using E1 and E2 to disable
one of the two supplies by connecting them to a digital
controller. If E1 is brought low, V1 will no longer supply
current to VS. If E2 is brought high, V2 will no longer sup-
ply current to VS. If E1 is brought low and E2 is brought
high, VS will be disabled.
Figure 5 shows the same application without the shut-
down option. It has one-half the losses of Figure 4 and is
configured for 5V rails.
disabled. This rapid turn-off feature is desirable when the
supply cannot tolerate certain voltage excursions under
load, or when the load is being protected from a rapidly
changing input supply.
Under and Overvoltage Shutdown
Refer to Figure 6 for an application circuit which disables
the power to the load when the input voltage gets too low
or too high. When VIN starts from zero volts, the load to
the output is disabled until VINreaches5.5V.TheV1pathis
enabled and the load remains on the input until the supply
exceeds 13.5V. At that voltage, the V2 path is disabled. As
the input falls, the voltage source will be reconnected to
the load when the input drops to 12V and the V2 path is
enabled. Finally, the load will be removed from the input
supply when the voltage drops below 5V.
APPLICATIO S I FOR ATIO
LTC4416
V2 = 12V
V1 = 12V
Si7483ADP
Si7483ADP
E1
H1
GND
E2
H2
V1
G1
VS
G2
V2
V1
GND
TO HOST
CONTROLLER
E1
E2
V2
VS
Q3
Q4
Q1
Q2
4416 F04
LTC4416
SUPPLY 2
SUPPLY 1
Q2
Si7495DP
Q1
Si7495DP
H1
E1
GND
E2
H2
V1
G1
VS
G2
V2
V1
5V
V2
5V
VS
5V
4416 F05
Figure 4
Figure 5. Dual PowerPath for Current Sharing
LTC4416-1
The LTC4416-1 will support all three of the LTC4416
applications without the “soft-off” feature. The only dif-
ference in the two designs is the LTC4416-1 will rapidly
switch off the load from a supply whenever a channel is
LTC4416-1
H1
E1
GND
E2
H2
G1
V1
VS
V2
G2
R1D
182k
R1C
24.3k
R2C
24.9k
GND
VIN
R2E
187k
VTH1 WITH
HYSTERESIS
VTH2 WITH
HYSTERESIS
VOUT
TO
LOAD
4416 F06
R1A
75k
R2A
221k
UV ENABLED AT 5V, VIN RESTORED TO LOAD WHEN VIN RISES TO 5.5V
OV ENABLED AT 13.5V, VIN RESTORED TO LOAD WHEN VIN FALLS TO 12V
Figure 6
Undervoltage
V
V
R A R c
R c
V
k
k
k
FAIL
ETH
=
+
=
+
•
.
•
.
.
1
1
1
1 222
75
24 3
24 3
== 4 99
. V
V
V
R A R c R D
R c R D
V
RESTORE
ETH
=
+
(
)
(
)
=
•
.
•
1
1
1
1
1
1 222
755
24 3 182
24 3 182
5 497
k
k
k
k
k
V
+
(
)
=
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com