Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF-01 Datasheet(PDF) 3 Page - Linear Technology

Part # REF-01
Description  Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF-01 Datasheet(HTML) 3 Page - Linear Technology

  REF-01_15 Datasheet HTML 1Page - Linear Technology REF-01_15 Datasheet HTML 2Page - Linear Technology REF-01_15 Datasheet HTML 3Page - Linear Technology REF-01_15 Datasheet HTML 4Page - Linear Technology REF-01_15 Datasheet HTML 5Page - Linear Technology REF-01_15 Datasheet HTML 6Page - Linear Technology REF-01_15 Datasheet HTML 7Page - Linear Technology REF-01_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REF-01/REF-02
3
ref012fd
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
REF-01A/E, REF-02A/E
REF-01H, REF-02H
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VO
Output Voltage
IL = 0mA
REF-01
REF-02
9.97
4.985
10
5
10.03
5.015
9.95
4.975
10
5
10.05
5.025
V
V
Output Adjustment Range
RP = 10kΩ
REF-01
REF-02
±3
±3
5, –27
5, –13
±3
±3
5, –27
5, –13
%
%
enP-P
Output Voltage Noise
0.1Hz to 10Hz (Note 7)
REF-01
REF-02
20
10
20
10
μVP-P
μVP-P
VIN
Input Voltage Range
REF-01
REF-02
12
7
40
40
12
7
40
40
V
V
ΔVOUT
ΔVIN
Line Regulation
(Note 2)
(VOUT + 3V) ≤ VIN ≤ 33V
0.0001
0.01
0.0001
0.01
%/V
ΔVOUT
ΔIOUT
Load Regulation
(Note 2)
IL = 0mA to 10mA
REF-01
REF-02
0.0005
0.001
0.008
0.01
0.0005
0.001
0.01
0.01
%/mA
%/mA
IQ
Quiescent Supply Current
No Load
0.65
1.4
0.65
1.4
mA
IOUT
Load Current
Sink Current
10
–0.3
20
–20
10
–0.3
20
–20
mA
mA
ISC
Short-Circuit Current
VO = 0V
25
25
mA
VT
Temperature Voltage Output
(Note 3)
REF-02 Only
620
620
mV
VIN = 15V, TA = 25°C unless otherwise noted.
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
REF02DH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C
REF01EJ8#PBF
8-Lead Cerdip
0°C to 70°C
REF01HJ8#PBF
8-Lead Cerdip
0°C to 70°C
REF01CJ8#PBF
8-Lead Cerdip
0°C to 70°C
REF02EJ8#PBF
8-Lead Cerdip
0°C to 70°C
REF02HJ8#PBF
8-Lead Cerdip
0°C to 70°C
REF02CJ8#PBF
8-Lead Cerdip
0°C to 70°C
REF02DJ8#PBF
8-Lead Cerdip
0°C to 70°C
OBSOLETE
Consider the N Package for Alternate Source
LEAD BASED FINISH
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
REF02AH
REF02AH
8-Lead TO-5 Metal Can
–55°C to 125°C
REF02AJ8
REF02AJ8
8-Lead Cerdip
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
REF-01C, REF-02C
REF-02D
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VO
Output Voltage
IL = 0mA
REF-01
REF-02
9.9
4.95
10
5
10.1
5.05
4.9
5
5.1
V
V
Output Adjustment Range
RP = 10kΩ
REF-01
REF-02
±2.7
5, –27
5, –13
±2
5, –13
%
%
enP-P
Output Voltage Noise
0.1Hz to 10Hz (Note 7)
REF-01
REF-02
30
12
12
μVP-P
μVP-P
VIN = 15V, TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com