Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF-01 Datasheet(PDF) 2 Page - Linear Technology

Part # REF-01
Description  Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF-01 Datasheet(HTML) 2 Page - Linear Technology

  REF-01 Datasheet HTML 1Page - Linear Technology REF-01 Datasheet HTML 2Page - Linear Technology REF-01 Datasheet HTML 3Page - Linear Technology REF-01 Datasheet HTML 4Page - Linear Technology REF-01 Datasheet HTML 5Page - Linear Technology REF-01 Datasheet HTML 6Page - Linear Technology REF-01 Datasheet HTML 7Page - Linear Technology REF-01 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REF-01/REF-02
2
ref012fd
ABSOLUTE MAXIMUM RATINGS
REF-01/REF-02 A, E, H .............................................40V
REF-01C/REF-02C.....................................................30V
Power Dissipation .............................................. 500mW
Output Short-Circuit Duration
To Ground.................................................... Indefinite
To VIN ≤ 16V ................................................ Indefinite
To VIN > 16V ............................................Not Allowed
Storage Temperature Range ..................– 65°C to 150°C
Operating Temperature
REF-01/REF-02, REF-01A/REF-02A... –55°C to 125°C
REF-01E/REF-02E, REF-01H/REF-02H,
REF-01C/REF-02C, REF-01D/REF-02D .... 0°C to 70°C
Lead Temperature (Soldering, 10 sec)................... 300°C
PIN CONFIGURATION
ORDER INFORMATION
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
TOP VIEW
NC*
NC*
NC*
INPUT
OUTPUT
TRIM
TEMP**
GND (CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
*INTERNALLY CONNECTED. DO
NOT CONNECT EXTERNALLY.
A
+
+
B
**DO NOT CONNECT ON REF-01
1
2
3
4
8
7
6
5
TOP VIEW
NC*
INPUT
TEMP**
GND
NC*
NC*
OUTPUT
TRIM
N8 PACKAGE
8-LEAD PLASTIC DIP
TJMAX = 100°C, θJA = 130°C/W
TJMAX = 150°C, θJA = 100°C/W
*INTERNALLY CONNECTED. DO
NOT CONNECT EXTERNALLY.
J8 PACKAGE
8-LEAD CERDIP
**DO NOT CONNECT ON REF-01
LEAD FREE FINISH
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
REF01EN8#PBF
REF01EN8
8-Lead Plastic Dip
0°C to 70°C
REF01HN8#PBF
REF01HN8
8-Lead Plastic Dip
0°C to 70°C
REF01CN8#PBF
REF01CN8
8-Lead Plastic Dip
0°C to 70°C
REF02EN8#PBF
REF02EN8
8-Lead Plastic Dip
0°C to 70°C
REF02HN8#PBF
REF02HN8
8-Lead Plastic Dip
0°C to 70°C
REF02CN8#PBF
REF02CN8
8-Lead Plastic Dip
0°C to 70°C
REF02DN8#PBF
REF02DN8
8-Lead Plastic Dip
0°C to 70°C
REF01AH#PBF
8-Lead TO-5 Metal Can
–55°C to 125°C
REF01H#PBF
8-Lead TO-5 Metal Can
–55°C to 125°C
REF01EH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C
REF01HH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C
REF01CH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C
REF02H#PBF
8-Lead TO-5 Metal Can
–55°C to 125°C
REF02EH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C
REF02HH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C
REF02CH#PBF
8-Lead TO-5 Metal Can
0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com