Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH07 Datasheet(PDF) 1 Page - Linear Technology

Part # RH07
Description  DICE SPECIFICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH07 Datasheet(HTML) 1 Page - Linear Technology

  RH07 Datasheet HTML 1Page - Linear Technology RH07 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
DICE SPECIFICATION
RH07
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOS
Input Offset Voltage
100
µV
IOS
Input Offset Current
3nA
IB
Input Bias Current
±4nA
CMRR
Common Mode Rejection Ratio
VCM = ±13
105
dB
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±18V
98
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±12V
200
V/mV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
±11.5
V
RL ≥ 1k
±10.0
V
SR
Slew Rate
RL ≥ 2k
0.1
V/
µs
PD
Power Dissipation
No Load
120
mW
No Load, VS = ±3V
6
mW
DIE CROSS REFERENCE (Notes 1, 2)
Order DICE CANDIDATE
Part Number Below
LTC Finished
Part Number
1. Offset Adjust
2. –IN
3.+IN
4.V– (Substrate)
5. Do Not Connect
6. OUT
7. V+
8. Offset Adjust
PAD FUNCTION
VS = ±15V, VCM = 0V, TA = 25°C unless otherwise noted.
78
× 98 mils
RH07
RH07 DICE
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
DICE ELECTRICAL TEST LI ITS
Note 1: Dice are probe tested at 25
°C to the limits shown. Final specs after
assembly cannot be guaranteed at the die level due to yield loss and
assembly shifts. For absolute maximum ratings, typical specifications,
performance curves and finished product specifications, please refer to the
standard data sheet.
Backside (substrate) is
an alloyed gold layer.
Connect to V–.
87 6
23
4
1
Note 2: For dice tested to tighter limits than those listed above and/or lot
qualification based on sample lot assembly and testing, please contact LTC
marketing.


Similar Part No. - RH07

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
114Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
logo
List of Unclassifed Man...
RH0721SC ETC-RH0721SC Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
RH0725SC ETC-RH0725SC Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - RH07

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC310 MOTOROLA-UC310 Datasheet
32Kb / 1P
FIELD-EFFECT TRANSISTORS DICE
logo
List of Unclassifed Man...
1C5819 ETC1-1C5819 Datasheet
46Kb / 1P
SILICON RECTIFIER DICE
logo
Silan Microelectronics ...
2KG037075NJL SILAN-2KG037075NJL Datasheet
77Kb / 1P
COMMON CATHODE DOUBLE DICE SWITCHING DIODE CHIPS
2KG037075PJL SILAN-2KG037075PJL Datasheet
77Kb / 1P
COMMON ANODE DOUBLE DICE SWITCHING DIODE CHIPS
logo
Linear Technology
RH1573K LINER-RH1573K_12 Datasheet
239Kb / 13P
RH1573K LOW DROPOUT PNP REGULATOR DRIVER DICE
logo
Samsung semiconductor
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
SPECIFICATION
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
SPECIFICATION
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A400-S30M1 AVAGO-HSMC-A400-S30M1 Datasheet
347Kb / 11P
SMT LED Surface Mount LED Indicator High brightness using AlInGaP and InGaN dice
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
SPECIFICATION ELECTRICAL SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com