Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2148 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2148
Description  STOTG04 IN AUDIO CARKIT ENVIRONMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2148 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2148 Datasheet HTML 1Page - STMicroelectronics AN2148 Datasheet HTML 2Page - STMicroelectronics AN2148 Datasheet HTML 3Page - STMicroelectronics AN2148 Datasheet HTML 4Page - STMicroelectronics AN2148 Datasheet HTML 5Page - STMicroelectronics AN2148 Datasheet HTML 6Page - STMicroelectronics AN2148 Datasheet HTML 7Page - STMicroelectronics AN2148 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN2148 - APPLICATION NOTE
2/8
2 - CARKIT INTERFACE ARCHITECTURE
The phone‘s Mini-AB USB receptacle consists of four signal lines (VBUS, D+, D-, and ID), ground, and a
shield. The carkit interface allows the use of these wires in three different signaling modes:
– UART mode
– mono mode
– stereo mode
Alternate functions of the USB signal lines are described in Table 1 for each particular carkit signaling
mode.
Note
(*) The ID line is not required for 4-wire carkit interface
In all three modes, the VBUS, GND, SHLD, and ID lines perform the same function. The VBUS line
carries a 5V supply voltage from the carkit to the phone. The GND line is a common ground carrying
return current from the phone to the carkit. The SHLD acts as an analog reference between the phone
and the carkit. The ID line is used to signal interrupt and control information for the five-wire protocol. If a
phone is connected to a carkit using standard Mini-USB cable, it is not possible to use the ID line for
signaling. In this case, it is necessary to use the four-wire communication protocol between the phone
and carkit. When the carkit contains captive cable with an ID wire, then it is possible to use either the
four-wire or five wire protocol. Both these protocols are defined in the specification [3].
In UART mode, the D- line carries the TXD signal from the phone to the carkit, and the D+ line carries the
RXD signal from the carkit to the phone.
In mono mode, the D- line carries the mono speaker signal from the phone to the carkit and the D+ line
carries the microphone signal from the carkit to the phone.
In stereo mode, the D- line carries the left speaker signal from the phone to the carkit and the D+ line
carries the right speaker signal from the phone to the carkit.
Table 1 : Alternate Functions of a USB Signal Lines
Line
UART Mode
Mono Mode
Stereo Mode
VBUS
VBUS
VBUS
VBUS
D+
RXD
MIC
SPKR_R
D-
TXD
SPKR
SPKR_L
ID
CTL*
CTL*
CTL*
GND
GND
GND
GND
SHLD
SHLD
CMR
CMR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com