Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2326 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2326
Description  Calibrating the RC oscillator of the ST7ULTRALITE MCU using the mains
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2326 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2326 Datasheet HTML 9Page - STMicroelectronics AN2326 Datasheet HTML 10Page - STMicroelectronics AN2326 Datasheet HTML 11Page - STMicroelectronics AN2326 Datasheet HTML 12Page - STMicroelectronics AN2326 Datasheet HTML 13Page - STMicroelectronics AN2326 Datasheet HTML 14Page - STMicroelectronics AN2326 Datasheet HTML 15Page - STMicroelectronics AN2326 Datasheet HTML 16Page - STMicroelectronics AN2326 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
AN2326
Software examples
13/20
.EEPROM_Prog
BTJT FCSR,#PGM,EEPROM_Prog; Wait end of programming (~5ms)
RET
4.1.5
Writing in non volatile memory for products with Data EEPROM
To store final value of RCCR/SICSR registers in EEPROM, add theses lines after disabling the timer in-
terrupts in the main program.
ld
RCCR, A
bset
EECSR,#1
;start to enter value in the EEPROM
ld
$1003,A
;load value of the RCCR in EEPROM
ld
A, SICSR
ld
$1004,A
;load value of the SICSR in EEPROM
bset
EECSR,#0
;start to write in the EEPROM
wait
btjt
EECSR,#0,wait
;wait for the end of writing in EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com