Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2339 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2339
Description  STR91x hardware development getting started
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2339 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2339 Datasheet HTML 9Page - STMicroelectronics AN2339 Datasheet HTML 10Page - STMicroelectronics AN2339 Datasheet HTML 11Page - STMicroelectronics AN2339 Datasheet HTML 12Page - STMicroelectronics AN2339 Datasheet HTML 13Page - STMicroelectronics AN2339 Datasheet HTML 14Page - STMicroelectronics AN2339 Datasheet HTML 15Page - STMicroelectronics AN2339 Datasheet HTML 16Page - STMicroelectronics AN2339 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN2339
Development and debugging tool support
13/20
The JTAG input signals have weak internal pull-up and pull-down resistors, but these are not
always active:
●
When debug protection is activated (JTAG permanently held in reset internally)
●
At power up and down there may be a short duration where the power on reset is
already released internally, but where the resistors are not yet active.
To avoid any floating input pins even for a very short period it is highly recommended to
always provide additional external pull-up and pull-down resistors. This recommendation is
valid whether the JTAG port is used or not.
RTCK
JRTCK
Return TCK (to
JTAG equipment)
The RTCK signal is returned by the core to the
JTAG equipment, and the clock is not
advanced until the core had captured the data.
In adaptive clocking mode, the debugging
equipment waits for an edge on RTCK before
changing TCK.
TDO
JTDO
Test data out (to
JTAG equipment)
TDO is the return path of the data input signal
TDI.
nSRST
nRSTIN
System reset
(bidirectional)
nSRST is an active LOW open-collector signal
that can be driven by the JTAG equipment to
reset the target board. Some JTAG equipment
senses this line to determine when a board has
been reset by the user.
When the signal is driven LOW by the reset
controller on the core module, the motherboard
resets the whole system by driving nSYSRST
low.
DBGRQ
GND
(not used)
Debug request
(from JTAG
equipment)
DBGRQ is a request for the processor core to
enter debug state.
DBGACK
GND
(not used)
Debug
acknowledge (to
JTAG equipment)
DBGACK indicates to the debugger that the
processor core has entered debug mode.
Table 1.
JTAG interface signals
Std name
STR91x
name
Direction/
Description
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com