Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2399 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2399
Description  RFID library for SR176 tag management with STR71x
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2399 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2399 Datasheet HTML 10Page - STMicroelectronics AN2399 Datasheet HTML 11Page - STMicroelectronics AN2399 Datasheet HTML 12Page - STMicroelectronics AN2399 Datasheet HTML 13Page - STMicroelectronics AN2399 Datasheet HTML 14Page - STMicroelectronics AN2399 Datasheet HTML 15Page - STMicroelectronics AN2399 Datasheet HTML 16Page - STMicroelectronics AN2399 Datasheet HTML 17Page - STMicroelectronics AN2399 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
RFID library
AN2399
14/22
8
RFID library
RFID library is developed using a 4-layer architecture. This section provides a brief
description of the layer functionality.
Figure 6.
RFID library: the 4 layer structure
8.1
RFID reader/writer: the application layer
The RFID EEPROM memory may be accessed directly using the application layer. It allows
read/write operations on RFID EEPROM with different access options. Moreover, the
application layer implements the Finite State Machine (FSM) which allows each device to be
searched for and selected close to the antenna reader.
/*------------------------------------------------------------------
RFID Application Layer
------------------------------------------------------------------
Input:
- RFID_Action: 3 bit
bit 0: 1=ENABLE 64UID request, 0=DISABLE 64UID request
bit 1: 1=ENABLE READ
request, 0=DISABLE READ
request
bit 2: 1=ENABLE WRITE request, 0=DISABLE WRITE request
- TX_frame:
TX buffer pointer (write operations)
- TX_lenght:
TX buffer lenght (write operations)
- TX_offset:
TX offset for write operations
- RX_frame:
RX buffer pointer (read operations)
- RX_lenght:
RX buffer lenght (read operations)
- RX_offset:
RX offset for read operations
- RFID_UID:
64 bits RFID UID
- RFID_timeout: timeout for RFID polling (number of times STR7 is trying to search
tag)
Output:
- RX_frame:
RX buffer pointer (read operations)
- RFID_UID:
64 bits RFID UID
Return:
- Status:
Application layer: applications dedicated
functions
RF Commands layer: Initiate(), Select(),
Completion(), GetUID(), Read_Block(), Write_Block()
Transceiver Commands layer: CRX14 registers
management
I2C Bus layer: I2C protocol to interface CRX14
RFID reader/writer
SR176 Commands
CRX14 Commands
I2C Commands
STR710
CRX14
Tag
I2C
RF - ASK Mod
RF-BPSK mod
Firmware specifications
RFID firmware for STR710 supports SR176 tag
Firmware is developed on a 4 layer structure:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com