Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2419 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2419
Description  STR75x hardware development getting started
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2419 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2419 Datasheet HTML 9Page - STMicroelectronics AN2419 Datasheet HTML 10Page - STMicroelectronics AN2419 Datasheet HTML 11Page - STMicroelectronics AN2419 Datasheet HTML 12Page - STMicroelectronics AN2419 Datasheet HTML 13Page - STMicroelectronics AN2419 Datasheet HTML 14Page - STMicroelectronics AN2419 Datasheet HTML 15Page - STMicroelectronics AN2419 Datasheet HTML 16Page - STMicroelectronics AN2419 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN2419
Clocks
13/22
The AHB and APB prescalers allow you to choose the AHB and APB frequencies from a
wide range of possibilities:
●
HCLK (AHB Clock) can be generated from CK_SYS divided by 1, 2, 4 or 8
●
PCLK (APB Clock) can be generated from HCLK divided by 1, 2, 4, 8 or 16
The clock provided to the Timers (CK_TIM) can have twice or the same frequency as PCLK.
This allows the timers to count at high frequency (up to 64MHz)
Table 1 gives some typical clock configurations:
Table 1.
Typical prescaler uses
The software must respect the configuration constraints of the PLL.
2.6
Clock-out capability: MCO (Main Clock Output)
The Main Clock Output (MCO) capability allows you to output a clock on the external MCO
pin. The configuration registers of corresponding GPIO port must programmed in alternate
function mode. You can select one of 4 clock signals as MCO clock.
●
CK_PLL2
●
HCLK
●
PCLK
●
CK_OSC4M
The selection is controlled by the MCOS[1:0] bits of CLKCTL register. A dedicated prescaler
(divide by 1 or 2, selected by MCOP bit) can be applied to this clock before outputting it to
the MCO pin. Care must be taken when switching MCO clock selection, the alternate
function should be disabled to avoid any glitches on the MCO pin.
2.7
Clock detector (CKD)
A CKD (Clock Detector) is implemented to:
●
detect if no clock is present on OSC4M (broken or disconnected resonator) and prevent
the software from selecting it.
●
automatically feeds the MCU with the FREEOSC used as emergency clock if no clock
is detected.
●
generate an interrupt if enabled, allowing the MCU to perform some rescue operations
For more detail see the Reference Manual (UM0191).
fOSC4M
(MHz)
PLL
Factor
fCK_SYS
(MHz)
HPRESC
[1:0]
fHCLK
(MHz)
PPRESC
[1:0]
fCK_TIM
(MHz)
PPRESC2
fPCLK
(MHz)
fCK_USB
(MHz)
4
x16
64
00
64
00
64
1
32
48
01
32
16
x15
60
00
60
00
60
30
x14
56
00
56
00
56
28
x12
48
00
48
00
48
24
x16
64
01
32
00
32
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com