Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2491 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2491
Description  STW8110x hardware component layer API guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2491 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2491 Datasheet HTML 17Page - STMicroelectronics AN2491 Datasheet HTML 18Page - STMicroelectronics AN2491 Datasheet HTML 19Page - STMicroelectronics AN2491 Datasheet HTML 20Page - STMicroelectronics AN2491 Datasheet HTML 21Page - STMicroelectronics AN2491 Datasheet HTML 22Page - STMicroelectronics AN2491 Datasheet HTML 23Page - STMicroelectronics AN2491 Datasheet HTML 24Page - STMicroelectronics AN2491 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AN2491
User scenarios
21/32
6.2
SPI mode
// STW8110x declaration
t_stw8110x_Config Device_config;
t_stw8110x_error st_error;
double Fout;
// Device Driver Initilization
STW8110x_Init(&Device_config);
//******* Configuration I **********
// Set configuration structure of device
// Config set to ouput frequency 4467.1875MHz reference clock 60MHz
Device_config.DEFAULT_CONFIG = BOOL_FALSE;
Device_config.DEVICE_FUNCTIONAL_MODE = VCO_B_DIRECT_OUTPUT;
Device_config.VCO_CALIBRATION_EN = VCO_CAL_ENABLED;
Device_config.SWALLOW_COUNTER = 11;
Device_config.MAIN_COUNTER = 501;
Device_config.REF_CLOCK_DIV_RATIO = 128;
Device_config.VCO_AMPLITUDE_VOLTAGE = AMPL_2V1;
Device_config.CHARGE_PUMP_CURRENT = CURRENT_8_I_MIN;
Device_config.PRESCALER_MODULUS = PRESCALER_19;
st_error = STW8110x_Get_Fout_value(Device_config,60,&Fout);
if(st_error != OK)
{
STW8110x_ProcessError(st_error);
}
// Configure the device
st_error = Configure_STW8110x(Device_config);
if(st_error != OK)
{
STW8110x_ProcessError(st_error);
}
//******* Config II: Set in Power Down mode **********
// Set configuration structure of device
Device_config.DEFAULT_CONFIG = BOOL_FALSE;
Device_config.DEVICE_FUNCTIONAL_MODE = POWER_DOWN;
// Configure the device
st_error = Configure_STW8110x(Device_config);
if(st_error != OK)
{
STW8110x_ProcessError(st_error);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com