Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRGROUND Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRGROUND
Description  SmartRack Copper Bus Grounding Bar
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRGROUND Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRGROUND Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRGROUND Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack Copper Bus Grounding Bar
MODEL NUMBER: SRGROUND
Description
The SRGROUND is a full length (42U) bus grounding bar made from heavy-gauge solid copper that attaches to Rack Enclosure Cabinets or Open Frame
Racks to provide convenient ground contact for standard rackmount equipment. Every U space has a drilled and tapped hole to allow a ground wire "jumper"
to be installed. The jumper then bridges to the individual pieces of equipment, with grounding straps, allowing a direct path to ground rather than going through
surrounding equipment. The SRGROUND can mount in a Tripp Lite enclosure in two ways, it can be screwed into the Rack Enclosures (hardware included) or
it can be installed using the tool less mounting buttons in the Open Frame Racks.
Features
Full length (42U) bus grounding bar made from heavy-gauge solid copper that attaches to Rack Enclosure Cabinets or Open Frame Racks to provide
convenient ground contact for standard rackmount equipment
Every U space has a drilled and tapped hole to allow a ground wire "jumper" to be installed
The jumper then bridges to the individual pieces of equipment, with grounding straps, allowing a direct path to ground rather than going through
surrounding equipment
Can mount in a Tripp Lite enclosure in two ways: it can be screwed into the Rack Enclosures (hardware included), or it can be installed using the tool less
mounting buttons in the Open Frame Racks
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
77.8 x 3 x 2
Shipping Dimensions (hwd / cm)
197.61 x 7.62 x 5.08
Shipping Weight (lbs.)
6
Shipping Weight (kg)
2.72
Unit Dimensions (hwd / in.)
75.5 x .625 x .25
Unit Dimensions (hwd / cm)
191.77 x 1.59 x 0.63
Highlights
Attach to rack enclosure cabinets
or open frame racks to provide
ground contact
Heavy-gauge solid copper
All hardware is included
Package Includes
SRGROUND Copper Bus
Grounding Bar
(21) Grounding straps
(3) Mounting buttons
(21) M4 screws
(21) Washers
Owners Manual
1 / 2


Similar Part No. - SRGROUND

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRGROUNDPANELBC TRIPPLITE-SRGROUNDPANELBC Datasheet
161Kb / 2P
SmartRack 1U ESD Grounding Panel
More results

Similar Description - SRGROUND

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45711-1000 MOLEX-45711-1000 Datasheet
247Kb / 2P
Bus Bar Connector (BBC)
logo
Littelfuse
POWRBUSBAR LITTELFUSE-POWRBUSBAR Datasheet
457Kb / 1P
BUS BAR SYSTEM
logo
Bourns Electronic Solut...
1200-BB BOURNS-1200-BB Datasheet
229Kb / 2P
Series Bus Bar Accessory
logo
Tripp Lite. All Rights ...
SRGROUNDPANELBC TRIPPLITE-SRGROUNDPANELBC Datasheet
161Kb / 2P
SmartRack 1U ESD Grounding Panel
logo
Belden Inc.
8011 BELDEN-8011 Datasheet
152Kb / 2P
Bus Bar Wire, #12 Sol TC
05-05-2023
8012 BELDEN-8012 Datasheet
152Kb / 2P
Bus Bar Wire, #14 Sol TC
05-05-2023
8021 BELDEN-8021 Datasheet
153Kb / 2P
Bus Bar Wire, #22 Sol TC
01-20-2023
8022 BELDEN-8022 Datasheet
152Kb / 2P
Bus Bar Wire, #24 Sol TC
05-05-2023
8023 BELDEN-8023 Datasheet
152Kb / 2P
Bus Bar Wire, #26 Sol TC
05-05-2023
logo
FIBOX Enclosing innovat...
3532385 FIBOX-3532385 Datasheet
65Kb / 1P
Bus-bar holder set
31.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com