Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRSCREWS Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRSCREWS
Description  SmartRack Threaded Hole Hardware Kit - 50 each
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRSCREWS Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRSCREWS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRSCREWS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SmartRack Threaded Hole Hardware Kit - 50 each
#12-24 screws
MODEL NUMBER: SRSCREWS
Description
Tripp Lite's SmartRack SRSCREWS, threaded hardware kit, fastens equipment to threaded hole rack mount rails. Contains 50 each #12-24 screws and is
compatible with all #12-24 threaded hole racks.
Features
Threaded hardware kit for fastening equipment to threaded hole rackmount rails
Contains 50 each #12-24 screws
Compatible with all #12-24 threaded hole racks
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
1 x 4 x 4
Shipping Dimensions (hwd / cm)
2.54 x 10.16 x 10.16
Shipping Weight (lbs.)
.5
Shipping Weight (kg)
0.23
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
Highlights
Threaded hole hardware kit - 50
each #12-24 screws
Fastens equipment to threaded
hole rack mount rails
Compatible with all #12-24
threaded hole racks
Package Includes
50 pcs #12-24, 5/8" long
cylindrical head screw
50 pcs PVC white flat washer
50 pcs PVC black flat washer
1 / 2


Similar Part No. - SRSCREWS

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SRSC-4-63 MINI-SRSC-4-63 Datasheet
373Kb / 1P
Power Splitter/Combiner
More results

Similar Description - SRSCREWS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCAGENUT5MM TRIPPLITE-SRCAGENUT5MM Datasheet
481Kb / 1P
SmartRack Square Hole Hardware Kit with 50 M5 screws and washers
SRCAGENUTS TRIPPLITE-SRCAGENUTS Datasheet
475Kb / 1P
SmartRack Square Hole Hardware Kit with 50 M6 screws and washers
SRCAGENUTS1224 TRIPPLITE-SRCAGENUTS1224 Datasheet
480Kb / 1P
SmartRack Square Hole Hardware Kit with 50 pcs 12-24 screws and washers
SRFILTER TRIPPLITE-SRFILTER Datasheet
478Kb / 2P
SmartRack Enclosure Filter Kit
SRGASKET TRIPPLITE-SRGASKET Datasheet
479Kb / 2P
SmartRack Airflow Optimization Kit
SRLADDERATTACH TRIPPLITE-SRLADDERATTACH Datasheet
498Kb / 2P
SmartRack Hardware Kit - Connects SRCABLELADDER to a wall or Open Frame Rack
SRSKIRT TRIPPLITE-SRSKIRT Datasheet
472Kb / 2P
SmartRack Enclosure Skirt Kit
SRTHERMDUCT TRIPPLITE-SRTHERMDUCT Datasheet
505Kb / 2P
SmartRack Thermal Duct Kit for SmartRack Enclosures
SR218 TRIPPLITE-SR218 Datasheet
153Kb / 1P
SmartRack Accessory - 19 Blanking Panel Kit - 1U, 2U, 4U and 8U panels with hardware
SRCOOL7KDUCT TRIPPLITE-SRCOOL7KDUCT Datasheet
163Kb / 2P
SmartRack Exhaust Duct Kit for SRCOOL7KRM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com