Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1101 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1101
Description  Precision, Micropower, Single Supply Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1101 Datasheet(HTML) 2 Page - Linear Technology

  LT1101_15 Datasheet HTML 1Page - Linear Technology LT1101_15 Datasheet HTML 2Page - Linear Technology LT1101_15 Datasheet HTML 3Page - Linear Technology LT1101_15 Datasheet HTML 4Page - Linear Technology LT1101_15 Datasheet HTML 5Page - Linear Technology LT1101_15 Datasheet HTML 6Page - Linear Technology LT1101_15 Datasheet HTML 7Page - Linear Technology LT1101_15 Datasheet HTML 8Page - Linear Technology LT1101_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1101
1101fa
ABSOLUTE
AXI U
RATI GS
Supply Voltage ...................................................... ±22V
Differential Input Voltage ....................................... ±36V
Input Voltage ............... Equal to Positive Supply Voltage
..........10V Below Negative Supply Voltage
Output Short Circuit Duration .......................... Indefinite
(Note 1)
Operating Temperature Range
LT1101AM/LT1101M (OBSOLETE) ... – 55°C to 125°C
LT1101AI/LT1101I .............................. – 40°C to 85°C
LT1101AC/LT1101C ................................ 0°C to 70°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT1101AIN8
LT1101IN8
LT1101ACN8
LT1101CN8
LT1101SW
LT1101ISW
OBSOLETE PACKAGES
Consider the N8 as an Alternate Source
LT1101AMH
LT1101MH
LT1101ACH
LT1101CH
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
OUT
G = 10
REF
G = 10
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
GND (REF)
NC
–IN
NC
V –
NC
NC
NC
NC
V +
NC
OUTPUT
+IN
R
≈ 9.2k
90R
9R
90R
9R
RR
SW PACKAGE
16-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 100°C/W
1
2
3
4
5
6
7
8
TOP VIEW
V –
–IN
OUTPUT
OUT
G = 10
REF
G = 10
GROUND
(REF)
+IN
R
≈ 9.2k
90R
9R
90R
9R
RR
V +
TJMAX = 150°C, θJA = 130°C/W
TOP VIEW
OUT
G = 10
OUTPUT
REF
G = 10
+IN
90R
90R
R
R
9R
9R
V+
–IN
V– (CASE)
GROUND
(REF)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
LT1101AMJ8
LT1101MJ8
LT1101ACJ8
LT1101CJ8
TJMAX = 150°C, θJA = 100°C/W
N PACKAGE 8-LEAD PDIP
J PACKAGE 8-LEAD CERDIP
ELECTRICAL CHARACTERISTICS
LT11O1AM/AI/AC
LT1101M/I/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GE
Gain Error
G = 100, V0 = 0.1V to 3.5V, RL = 50k
0.010
0.050
0.011
0.075
%
G = 10, V0 = 0.1V to 3.5V, RL = 50k
0009
0.040
0.010
0.060
%
GNL
Gain Nonlinearity
G = 100, RL = 50k
20
60
20
75
ppm
G = 10, RL = 50k (Note 2)
3
7
3
8
ppm
VOS
Input Offset Voltage
50
160
60
220
µV
LT1101SW
250
600
µV
lOS
Input Offset Current
0.13
0.60
0.15
0.90
nA
IB
Input Bias Current
6
8
6
10
nA
IS
Supply Current
75
105
78
120
µA
VS = 5V, 0V, VCM = 0.1V, VREF(PIN 1) = 0.1V, G = 10 or 100, TA = 25°C, unless
otherwise noted. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com