Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1101 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1101
Description  Precision, Micropower, Single Supply Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1101 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1101 Datasheet HTML 8Page - Linear Technology LT1101 Datasheet HTML 9Page - Linear Technology LT1101 Datasheet HTML 10Page - Linear Technology LT1101 Datasheet HTML 11Page - Linear Technology LT1101 Datasheet HTML 12Page - Linear Technology LT1101 Datasheet HTML 13Page - Linear Technology LT1101 Datasheet HTML 14Page - Linear Technology LT1101 Datasheet HTML 15Page - Linear Technology LT1101 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1101
1101fa
APPLICATIO S I FOR ATIO
LT1101 • AI04
75k
OUTPUT
ILOOP
5k
5
6
3
1
2
4
8
7
18k
390k
12V
62.5Ω
LT1004-1.2
4mA TO 20mA IN – OV TO 10V OUT
TRIM OUTPUT TO 5V AT 12mA IN
–
+
LT1101
LT1101 • AI05
5
6
3
1
2
4
8
2k
7
V+ = 15V
V– = –15V
OUT
GAIN = 10, DEGRADED BY 0.01% DUE TO LT1010
OUTPUT = ±10V INTO 75Ω (TO 1.5kHz)
DRIVES ANY CAPACITIVE LOAD
SINGLE SUPPLY APPLICATION (V+ = 5V, V– = OV):
VOUT MIN = 120mV, VOUT MAX = 3.4V
LT1101
–
+
LT1010
–
+
LT1101 • AI06
5
6
3
1
R
R
100VIN
–1.5V
IOUT =
IOUT
RL
VIN
4
8
9V
LT1101
IOUT = 0mA TO 5mA
VOLTAGE COMPLIANCE = 6.4V
(R ≤ 200Ω)
Micropower, Battery Operated Remote Temperature Sensor
4mA to 20mA Loop Receiver
Instrumentation Amplifier with ±150mA Output Current
Voltage Controlled Current Source
LT1101 • AI03
+
–
LT1101
G = 10
REMOTE TEMP
SENSOR
75k
100nA
°K
20k
62Ω
2210Ω
10k
75k
3V
2k
POT
6
3
5
1
2
4
7
8
LM134-3
OUT
10mV/°C
TRIM OUTPUT TO 250mV AT 25°C
TEMPERATURE RANGE = 2.5°C TO 150°C
ACCURACY = ±0.5°C
LT1004-1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com