Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1110 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1110
Description  Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1110 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1110 Datasheet HTML 8Page - Linear Technology LT1110 Datasheet HTML 9Page - Linear Technology LT1110 Datasheet HTML 10Page - Linear Technology LT1110 Datasheet HTML 11Page - Linear Technology LT1110 Datasheet HTML 12Page - Linear Technology LT1110 Datasheet HTML 13Page - Linear Technology LT1110 Datasheet HTML 14Page - Linear Technology LT1110 Datasheet HTML 15Page - Linear Technology LT1110 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1110
13
Arrangement of the gain block as a low battery detector is
straightforward. Figure 12 shows hookup. R1 and R2 need
only be low enough in value so that the bias current of the
SET input does not cause large errors. 33k
Ω for R2 is
adequate. R3 can be added to introduce a small amount of
hysteresis. This will cause the gain block to “snap” when
the trip point is reached. Values in the 1M-10M range are
optimal. The addition of R3 will change the trip point,
however.
S
APPLICATI
I FOR ATIO
Output ripple of the LT1110, normally 90mV at 5VOUT can
be reduced significantly by placing the gain block in front
of the FB input as shown in Figure 13. This effectively
reduces the comparator hysteresis by the gain of the gain
block. Output ripple can be reduced to just a few millivolts
using this technique. Ripple reduction works with step-
down or inverting modes as well. For this technique to be
effective, output capacitor C1 must be large, so that each
switching cycle increases VOUT by only a few millivolts.
1000
µF is a good starting value.
Figure 13. Output Ripple Reduction Using Gain Block
Figure 12. Setting Low Battery Detector Trip Point
LT1110 • TA07
VBAT
R1
R2
220mV
REF
SET
GND
VIN
LT1110
47k
+5V
TO
PROCESSOR
R1 =
VLB – 220mV
(
)
4.33
µA
VLB = BATTERY TRIP POINT
+
–
AO
R3
R2 = 33k
Ω
R3 = 2M
Ω
L1
LT1110 • TA08
GND
SW2
SET
SW1
LIM
I
IN
V
D1
R3
270k
FB
+
VOUT
R2
R1
C1
V
=
+ 1 220mV
OUT
R2
R1
(
)(
)
LT1110
AO
VBAT
Table 2. Capacitor Manufacturers
MANUFACTURER
PART NUMBERS
Sanyo Video Components
OS-CON Series
2001 Sanyo Avenue
San Diego, CA 92173
619-661-6835
Nichicon America Corporation
PL Series
927 East State Parkway
Schaumberg, IL 60173
708-843-7500
Sprague Electric Company
150D Solid Tantalums
Lower Main Street
550D Tantalex
Sanford, ME 04073
207-324-4140
Matsuo
267 Series
714-969-2491
Surface Mount
Table 3. Transistor Manufacturers
MANUFACTURER
PART NUMBERS
Zetex
ZTX Series
Commack, NY
FZT Series
516-543-7100
Surface Mount
Table 1. Inductor Manufacturers
MANUFACTURER
PART NUMBERS
Coiltronics International
CTX100-4 Series
984 S.W. 13th Court
Surface Mount
Pompano Beach, FL 33069
305-781-8900
Sumida Electric Co. USA
CD54
708-956-0666
CDR74
CDR105
Surface Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com