Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1114 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1114
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114 Datasheet(HTML) 2 Page - Linear Technology

  LT1114 Datasheet HTML 1Page - Linear Technology LT1114 Datasheet HTML 2Page - Linear Technology LT1114 Datasheet HTML 3Page - Linear Technology LT1114 Datasheet HTML 4Page - Linear Technology LT1114 Datasheet HTML 5Page - Linear Technology LT1114 Datasheet HTML 6Page - Linear Technology LT1114 Datasheet HTML 7Page - Linear Technology LT1114 Datasheet HTML 8Page - Linear Technology LT1114 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1112/LT1114
111214fb
ORDER PART
NUMBER
ORDER PART
NUMBER
S8 PART MARKING
TJMAX = 150°C, θJA = 190°C/W
LT1112S8
LT1112IS8
LT1112MPS8
LT1112ACN8
LT1112CN8
LT1112IN8
1112
1112I
1112MP
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1114S
LT1114IS
LT1114ACN
LT1114CN
LT1114IN
TJMAX = 150°C, θJA = 110°C/W
J8 PACKAGE 8-LEAD CERDIP
TJMAX = 160°C, θJA = 100°C/W
TJMAX = 150°C, θJA = 150°C/W
TOP VIEW
OUT A
–IN A
+IN A
V –
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
1
2
3
4
8
7
6
5
A
B
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
A
D
B
C
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V –
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO (NARROW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
A
D
B
C
(Note 1)
ABSOLUTE
AXI U
RATI GS
LT1112AMJ8
LT1112MJ8
TJMAX = 150°C, θJA = 130°C/W
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source
LT1114AMJ
LT1114MJ
J PACKAGE 14-LEAD CERDIP
TJMAX = 160°C, θJA = 80°C/W (J)
OBSOLETE PACKAGE
Consider the N Package for Alternate Source
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Supply Voltage .....................................................
±20V
Differential Input Current (Note 2) .....................
±10mA
Input Voltage (Equal to Supply Voltage) ...............
±20V
Output Short-Circuit Duration ......................... Indefinite
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
Operating Temperature Range (Note 11)
LT1112AM/LT1112M
LT1114AM/LT1114M (OBSOLETE)... – 55
°C to 125°C
LT1112AC/LT1112C/LT1112S8
LT1114AC/LT1114C/LT1114S .......... – 40
°C to 85°C
LT1112I/LT1114I .............................. – 40
°C to 85°C
LT1112MPS8 ................................... –55
°C to 125°C
Specified Temperature Range (Note 12)
LT1112AM/LT1112M
LT1114AM/LT1114M (OBSOLETE) ... – 55
°C to 125°C
LT1112AC/LT1112C/LT1112S8
LT1114AC/LT1114C/LT1114S .......... – 40
°C to 85°C
LT1112I/LT1114I .............................. – 40
°C to 85°C
LT1112MPS8 ................................... –55
°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com