Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRSHELF2PDP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRSHELF2PDP
Description  2U Cantilever Fixed Shelf (60 lb / 27 kg capacity; 21in. / 533.4 mm depth.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRSHELF2PDP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRSHELF2PDP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRSHELF2PDP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2U Cantilever Fixed Shelf (60 lb / 27 kg capacity; 21
in. / 533.4 mm depth.)
MODEL NUMBER: SRSHELF2PDP
Description
Tripp Lite's SmartRack SRSHELF2PDP is a 2U cantilever mount fixed shelf. Cantilever shelf supports monitors and other equipment with a 60lb capacity. Shelf
is compatible with 2 or 4 post rack enclosure cabinets. The SRSHELF2PDP is 21 inches in depth but can use two shelves back to back to create a deep fixed
shelf in 2POST racks. Required mounting hardware is included.
Features
2U cantilever mount fixed shelf
Cantilever shelf supports monitors and other equipment with a 60lb capacity
Shelf is compatible with 2 or 4 post rack enclosure cabinets
SRSHELF2PDP is 21 inches in depth but can use two shelves back to back to create a deep fixed shelf in 2POST racks
Required mounting hardware is included
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
4 x 20 x 21
Shipping Dimensions (hwd / cm)
10.16 x 50.8 x 55.63
Shipping Weight (lbs.)
9
Shipping Weight (kg)
4.08
Unit Dimensions (hwd / in.)
3.5 x 19 x 21
Unit Dimensions (hwd / cm)
8.89 x 48.26 x 45.72
Unit Weight (lbs.)
5
Unit Weight (kg)
2.27
Highlights
Fixed Shelf, 2U Cantilever
mount. Required mounting
hardware included
2 or 4 post rack compatible
21 inch shelf depth
Cantilever shelf supports
monitors and other equipment
Cold rolled steel with black finish.
Use two shelves back to back to
create a deep fixed shelf in
2POST racks
Package Includes
Shelf and mounting hardware
1 / 2


Similar Part No. - SRSHELF2PDP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRSHELF2P TRIPPLITE-SRSHELF2P Datasheet
487Kb / 2P
SmartRack 2U Cantilever Fixed Shelf (60 lb / 27 kg capacity; 18-in. / 457 mm depth.)
SRSHELF2P1U TRIPPLITE-SRSHELF2P1U Datasheet
479Kb / 2P
SmartRack 1U Cantilever Fixed Shelf (40 lb / 18 kg capacity; 12-in. / 305 mm depth.)
SRSHELF2P1UTM TRIPPLITE-SRSHELF2P1UTM Datasheet
504Kb / 2P
SmartRack 1U Cantilever Toolless Mount Fixed Shelf (30 lb/13.6 kg capacity; 12 in./305 mm depth)
SRSHELF2PTM TRIPPLITE-SRSHELF2PTM Datasheet
520Kb / 2P
SmartRack 2U Cantilever Toolless Mount Fixed Shelf (50 lb/22.7 kg capacity; 18 in./457 mm depth)
SRSHELF2PX2 TRIPPLITE-SRSHELF2PX2 Datasheet
515Kb / 2P
SmartRack 2U Cantilever Double-sided Fixed Shelf (60 lb/27 kg capacity each side; 36 in./914 mm depth)
More results

Similar Description - SRSHELF2PDP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRSHELF2P TRIPPLITE-SRSHELF2P Datasheet
487Kb / 2P
SmartRack 2U Cantilever Fixed Shelf (60 lb / 27 kg capacity; 18-in. / 457 mm depth.)
SRSHELF2P1U TRIPPLITE-SRSHELF2P1U Datasheet
479Kb / 2P
SmartRack 1U Cantilever Fixed Shelf (40 lb / 18 kg capacity; 12-in. / 305 mm depth.)
SRSHELF2P1UTM TRIPPLITE-SRSHELF2P1UTM Datasheet
504Kb / 2P
SmartRack 1U Cantilever Toolless Mount Fixed Shelf (30 lb/13.6 kg capacity; 12 in./305 mm depth)
SRSHELF2PTM TRIPPLITE-SRSHELF2PTM Datasheet
520Kb / 2P
SmartRack 2U Cantilever Toolless Mount Fixed Shelf (50 lb/22.7 kg capacity; 18 in./457 mm depth)
SRSHELF2PX2 TRIPPLITE-SRSHELF2PX2 Datasheet
515Kb / 2P
SmartRack 2U Cantilever Double-sided Fixed Shelf (60 lb/27 kg capacity each side; 36 in./914 mm depth)
SRSHELF4PHD TRIPPLITE-SRSHELF4PHD Datasheet
473Kb / 2P
SmartRack Heavy-Duty Fixed Shelf (250 lb/113 kg capacity; 26 in/660 mm depth)
SRSHELF4PHDTM TRIPPLITE-SRSHELF4PHDTM Datasheet
500Kb / 2P
SmartRack Fixed Heavy-Duty Toolless Mount Shelf (250 lb/113 kg capacity; 26 in./660 mm depth)
SRSHELF4PKYBD TRIPPLITE-SRSHELF4PKYBD Datasheet
475Kb / 2P
SmartRack Keyboard Shelf (25 lb/11 kg capacity; 16in / 406 mm depth)
SRSHELF4PSL TRIPPLITE-SRSHELF4PSL Datasheet
478Kb / 2P
SmartRack Standard Sliding Shelf (50 lb/23 kg capacity; 28.3 in/719 mm depth)
SRSHELF4PSLHD TRIPPLITE-SRSHELF4PSLHD Datasheet
477Kb / 2P
SmartRack Heavy-Duty Sliding Shelf (200 lb/91 kg capacity; 26 in/660 mm depth.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com